Electronic Components Datasheet Search
  English  ▼

X  

S3MBF Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # S3MBF
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 3A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

S3MBF Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  S3MBF Datasheet HTML 1Page - AiT Semiconductor Inc. S3MBF Datasheet HTML 2Page - AiT Semiconductor Inc. S3MBF Datasheet HTML 3Page - AiT Semiconductor Inc. S3MBF Datasheet HTML 4Page - AiT Semiconductor Inc. S3MBF Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
S3ABF~S3MBF
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 3A
REV1.0
- AUG 2015 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The S3ABF~S3MBF are available in SMBF package 
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Easy to pick and place
Available in SMBF package
ORDERING INFORMATION
Package Type
Part Number
SMBF
S3ABF
S3BBF
S3DBF
S3GBF
S3JBF
S3KBF
S3MBF
Note
SPQ: 5,000pcs/Reel
AiT provides all RoHS Compliant Products
MECHANICAL DATA
Case: SMBF
Terminals: Solderable per MIL-STD-750,
Method 2026
Approx. Weight: 57mg / 0.002oz
PIN DESCRIPTION


Similar Part No. - S3MBF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
S3MBF CHENDA-S3MBF Datasheet
631Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S3MBF YFWDIODE-S3MBF Datasheet
86Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S3MBF JUXING-S3MBF Datasheet
622Kb / 3P
Surface Mount Standard Rectifiers
logo
Xian Semipower Electron...
S3MBF SEMIPOWER-S3MBF Datasheet
119Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Zibo Seno Electronic En...
S3MBF ZSELEC-S3MBF Datasheet
88Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S3MBF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL151G LRC-RL151G_11 Datasheet
176Kb / 7P
Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
DRS1A LRC-DRS1A Datasheet
212Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1K LRC-DRS1K Datasheet
212Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
DRS1M LRC-DRS1M Datasheet
533Kb / 4P
Surface Mount Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
SHIKUES Electronics
1N4001F SKTECHNOLGY-1N4001F Datasheet
273Kb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com