Electronic Components Datasheet Search
  English  ▼

X  

MP87L76 Datasheet(PDF) 1 Page - Exar Corporation

Part # MP87L76
Description  CMOS, 10MSPS, 8-BIT HIGH SPEED, LOW POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP87L76 Datasheet(HTML) 1 Page - Exar Corporation

  MP87L76 Datasheet HTML 1Page - Exar Corporation MP87L76 Datasheet HTML 2Page - Exar Corporation MP87L76 Datasheet HTML 3Page - Exar Corporation MP87L76 Datasheet HTML 4Page - Exar Corporation MP87L76 Datasheet HTML 5Page - Exar Corporation MP87L76 Datasheet HTML 6Page - Exar Corporation MP87L76 Datasheet HTML 7Page - Exar Corporation MP87L76 Datasheet HTML 8Page - Exar Corporation MP87L76 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
&026  0636 %LW +LJK 6SHHG /RZ 3RZHU
$QDORJWR'LJLWDO &RQYHUWHU ZLWK 3RZHU 'RZQ
)($785(6
N %LW 5HVROXWLRQ
N 6DPSOLQJ 5DWH WR  0+]
N /RZ 3RZHU  P: W\S H[FOXGLQJ UHIHUHQFH
N 3RZHU 'RZQ 0RGH 2$ W\S
N '1/  /6% ,1/  /6% W\S
N ,QWHUQDO 6+ )XQFWLRQ
N 6LQJOH 6XSSO\  9
N 9,1 5DQJH9WR9''
N 95() 5DQJH9WR9''
N /DWFK8S 7ROHUDQW
N (6' 3URWHFWLRQ  9 0LQLPXP
N  6WDWH 'LJLWDO 2XWSXWV
N 0RQRWRQLF 1R 0LVVLQJ &RGHV
N  3LQ 3',3 62,& DQG 6623 3DFNDJHV
N  3LQ 3DFNDJH $YDLODEOH 03/
N ,PSURYHG 9HUVLRQ RI 03/
$33/,&$7,216
N :LUHOHVV &RPPXQLFDWLRQV
N 'LJLWDO &HOOXODU 7HOHSKRQHV
N 7HOHFRPPXQLFDWLRQV
N &&'·V DQG 6FDQQHUV
N 9LGHR %RDUGV
N 'LJLWDO &RORU &RSLHUV
N %DWWHU\ 3RZHUHG 'HYLFHV
0DUFK 
6,03/,),(' %/2&. $1' 7,0,1* ',$*5$0
06%
&RPSDUDWRUV
/6%
&RPSDUDWRUV
/DWFK
/DWFK
(QFRGHU

(UURU
&RUUHFWLRQ
))
6+
&ORFN /RJLF
'% 06%
'% /6%
2(
&/.
95%6
95%
957
9576
$9''
'9''
$*1'
$9''
9,1
1




&/.
'%
'%
'9
'*1'

$*1'
3LSHOLQH 'HOD\
6DPSOH
03/
5HY 
(;$5 &RUSRUDWLRQ  .DWR 5RDG )UHPRQW &$  <   <  
.
*(1(5$/ '(6&5,37,21
7KH 03/ LV DQ ELW $QDORJWR'LJLWDO &RQYHUWHU
GHVLJQHG IRU KLJK VSHHG GLJLWL]LQJ DSSOLFDWLRQV UHTXLULQJ ORZ
SRZHU 7KH 03/ RIIHUV H[FHSWLRQDO SHUIRUPDQFH
IOH[LEOH LQSXW DUFKLWHFWXUH ORZ SRZHU FRQVXPSWLRQ SRZHU
GRZQ FDSDELOLW\ ODWFKXS WROHUDQW RSHUDWLRQ DQG LV
PDQXIDFWXUHG XVLQJ DQ DGYDQFHG &026 SURFHVV
7KLV GHYLFH XVHV D WZRVWHS IODVK DUFKLWHFWXUH WR PDLQWDLQ
ORZ SRZHU FRQVXPSWLRQ DW KLJK FRQYHUVLRQ UDWHV 7KH
LQSXW FLUFXLWU\ RI WKH 03/ LQFOXGHV DQ RQFKLS 6+
IXQFWLRQ DQG DOORZV WKH XVHU WR GLJLWL]H DQDORJ LQSXW
VLJQDOV EHWZHHQ *1' DQG 9'' &DUHIXO GHVLJQ DQG FKLS
OD\RXW KDYH DFKLHYHG D ORZ DQDORJ LQSXW FDSDFLWDQFH
7KLV UHGXFHV ´NLFNEDFNµ DQG HDVHV WKH UHTXLUHPHQWV RI
WKH EXIIHUDPSOLILHU XVHG WR GULYH WKH 03/
7KH GHVLJQHU FDQ FKRRVH WKH LQWHUQDOO\ JHQHUDWHG
UHIHUHQFH YROWDJHV E\ FRQQHFWLQJ 95% WR 95%6 DQG 957 WR
9576 RU SURYLGH H[WHUQDO UHIHUHQFH YROWDJHV WR WKH 95%
DQG 957 SLQV 7KH LQWHUQDO UHIHUHQFH JHQHUDWHV  9 DW
95% DQG  9 DW 957 3URYLGLQJ H[WHUQDO UHIHUHQFH
YROWDJHV DOORZV HDV\ LQWHUIDFH WR DQ\ LQSXW VLJQDO UDQJH
EHWZHHQ *1' DQG 9'' 7KLV DOVR DOORZV WKH V\VWHP WR
DGMXVW WKHVH YROWDJHV WR FDQFHO ]HUR VFDOH DQG IXOO VFDOH
HUURUV RU WR FKDQJH WKH LQSXW UDQJH DV QHHGHG
7KH GHYLFH RSHUDWHV IURP D VLQJOH  YROW VXSSO\ 3RZHU
FRQVXPSWLRQ LV  P: W\S DW )6  0+] 3RZHU GRZQ
LV DFFRPSOLVKHG E\ GURSSLQJ 957 EHORZ  9
6SHFLILHG IRU RSHUDWLRQ RYHU WKH FRPPHUFLDO  LQGXVWULDO
 WR G& WHPSHUDWXUH UDQJH WKH 03/ LV
DYDLODEOH LQ VXUIDFH PRXQW 62,&  VKULQN VPDOO RXWOLQH
6623 DQG SODVWLF GXDOLQOLQH 3',3 SDFNDJHV


Similar Part No. - MP87L76

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP87L84 EXAR-MP87L84 Datasheet
581Kb / 7P
LOW VOLTAGE CMOS 10-BIT 2 MHz ANALOG-TO-DIGITAL CONVERTER
MP87L84AN EXAR-MP87L84AN Datasheet
581Kb / 7P
LOW VOLTAGE CMOS 10-BIT 2 MHz ANALOG-TO-DIGITAL CONVERTER
MP87L84AS EXAR-MP87L84AS Datasheet
581Kb / 7P
LOW VOLTAGE CMOS 10-BIT 2 MHz ANALOG-TO-DIGITAL CONVERTER
MP87L86 EXAR-MP87L86 Datasheet
811Kb / 10P
CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
More results

Similar Description - MP87L76

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
TDA8762A PHILIPS-TDA8762A Datasheet
150Kb / 24P
10-bit high-speed low-power analog-to-digital converter
1996 Mar 21
logo
Exar Corporation
MP8786 EXAR-MP8786 Datasheet
811Kb / 10P
CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
logo
Exar Corporation
XRD87L75 EXAR-XRD87L75 Datasheet
1Mb / 15P
Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
XRD87L85 EXAR-XRD87L85 Datasheet
1Mb / 15P
Low-Voltage CMOS 8-Bit High-Speed Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com