Electronic Components Datasheet Search
  English  ▼

X  

MCP4921-EST Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP4921-EST
Description  12-Bit DAC with SPI??Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4921-EST Datasheet(HTML) 2 Page - Microchip Technology

  MCP4921-EST Datasheet HTML 1Page - Microchip Technology MCP4921-EST Datasheet HTML 2Page - Microchip Technology MCP4921-EST Datasheet HTML 3Page - Microchip Technology MCP4921-EST Datasheet HTML 4Page - Microchip Technology MCP4921-EST Datasheet HTML 5Page - Microchip Technology MCP4921-EST Datasheet HTML 6Page - Microchip Technology MCP4921-EST Datasheet HTML 7Page - Microchip Technology MCP4921-EST Datasheet HTML 8Page - Microchip Technology MCP4921-EST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MCP4921/4922
DS21897A-page 2
 2004 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD............................................................................................................. 6.5V
All inputs and outputs w.r.t ............. AVSS –0.3V to VDD+0.3V
Current at Input Pins ....................................................±2 mA
Current at Supply Pins ...............................................±50 mA
Current at Output Pins ...............................................±25 mA
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-55°C to +125°C
ESD protection on all pins
........... ≥ 4 kV (HBM), ≥ 400V (MM)
Maximum Junction Temperature (TJ) . .........................+150°C
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
5V AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 5V, AVSS = 0V, VREF = 2.048V, output buffer gain (G) = 2x, RL = 5 kΩ
to GND, CL = 100 pF TA = -40 to +85°C. Typical values at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Requirements
Input Voltage
VDD
2.7
—
5.5
Input Current - MCP4921
Input Current - MCP4922
IDD
—
—
175
350
350
700
µA
Input unbuffered, digital inputs
grounded, output unloaded,
code at 0x000
Hardware Shutdown Current
ISHDN
—0.3
2
µA
Software Shutdown Current
ISHDN_SW
—3.3
6
µA
Power-on-Reset Threshold
VPOR
—2.0
—
V
DC Accuracy
Resolution
n
12
—
—
Bits
INL Error
INL
-12
2
12
LSB
DNL
DNL
-0.75
±0.2
+0.75
LSB
Device is Monotonic
Offset Error
VOS
—
±0.02
1
% of FSR
Code 0x000h
Offset Error Temperature
Coefficient
VOS/°C
—
0.16
—
ppm/°C
-45°C to 25°C
—
-0.44
—
ppm/°C
+25°C to 85°C
Gain Error
gE
—
-0.10
1
% of FSR
Code 0xFFFh, not including offset
error.
Gain Error Temperature
Coefficient
∆G/°C
—
-3
—
ppm/°C
Input Amplifier (VREF Input)
Input Range - Buffered Mode
VREF
0.040
—
VDD – 0.040
V
Note 1
Code = 2048
VREF = 0.2v p-p, f = 100 Hz and 1 kHz
Input Range - Unbuffered
Mode
VREF
0—
VDD
V
Input Impedance
RVREF
—
165
—
k
Ω
Unbuffered Mode
Input Capacitance -
Unbuffered Mode
CVREF
—7
—
pF
Multiplier Mode
-3 dB Bandwidth
fVREF
—
450
—
kHz
VREF = 2.5V ±0.2Vp-p, Unbuffered,
G = 1
fVREF
—
400
—
kHz
VREF = 2.5V ±0.2 Vp-p, Unbuffered,
G = 2
Multiplier Mode -
Total Harmonic Distortion
THDVREF
—-73
—
dB
VREF = 2.5V ±0.2Vp-p,
Frequency = 1 kHz
Note
1:
By design, not production tested.
2:
Too small to quantify.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com