Electronic Components Datasheet Search
  English  ▼

X  

OM4204DS Datasheet(PDF) 2 Page - International Rectifier

Part # OM4204DS
Description  100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM4204DS Datasheet(HTML) 2 Page - International Rectifier

  OM4204DS Datasheet HTML 1Page - International Rectifier OM4204DS Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM4204SS/RS/DS OM4228SSRS/DS OM4229SS/RS/DS
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
MECHANICAL OUTLINE
TYPICAL FORWARD VOLTAGE
TYPICAL REVERSE CURRENT
.140 TYP.
.200 TYP.
.270
MAX.
.060 DIA.TYP.
6 PLACES
1.375
.500
MIN.
.302
.265
.487
.752
REF.
.118
.150 DIA.
THRU 2
PLACES
.040
.770
1.000
.188
REF.
100
200
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0
0.2
0.4
0.6
0.8
1.0
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.04
0.02
0.01
0.004
0.002
0.001
010
20
30
40
50
V
F - INSTANTANEOUS VOLTAGE (VOLTS)
V
R - REVERSE VOLTAGE (VOLTS)
T
J = 150°C
T
J
= 150°C
100°C
100°C
25°C
25°C
Maximum Forward
Maximum
Part No.
PIV
Voltage @ I
F = 50A
(1) (2)
Reverse Current
T
C = 25°C
T
C = 125°C
T
C = 25°C
T
C = 125°C
OM4204XX
45
.750V
.700V
1.0mA
150mA
OM4228XX
60
.87V
.800V
7.0mA
150mA
OM4229XX
100
.97V
.900V
7.0mA
150mA
ELECTRICAL CHARACTERISTICS (Per Diode)
(1) Pulse Test: Pulse Width 300
µs. Duty Cycle 2.0%.
(2) Pin Limitation: 70 Amp per pair.
OM4204SS
.2
.4
.6
.8
1.0
OM4204SS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com