Electronic Components Datasheet Search
  English  ▼

X  

ATAS80 Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATAS80
Description  Auto Iron
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATAS80 Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATAS80 Datasheet HTML 1Page - Analog Technologies, Inc. ATAS80 Datasheet HTML 2Page - Analog Technologies, Inc. ATAS80 Datasheet HTML 3Page - Analog Technologies, Inc. ATAS80 Datasheet HTML 4Page - Analog Technologies, Inc. ATAS80 Datasheet HTML 5Page - Analog Technologies, Inc. ATAS80 Datasheet HTML 6Page - Analog Technologies, Inc. ATAS80 Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111
www.analogtechnologies.com
Copyrights 2000-2018, Analog Technologies, Inc. All Rights Reserved. Updated on 3/22/2018
www.analogti.com
1
Analog Technologies
ATAS80
Auto Iron
Figure 1. The Photo of main machine
Figure 2. Photo of ATAS80
Figure 3. Photo of Handle Holder
Figure 4. Photo of the packaging
MAIN FEATURES
Large LCD screen display, convenient for adjusting
Anti-static function to protect precise chip soldering
Quick temperature rise
Unit automatically adjusts the temperature
Compact soldering handle
Contact reaction for sleep, power saving and safe modes
Coded lock to fix the temperature
APPLICATIONS
This soldering iron is widely used in many different fields
from common electronic and home appliance maintenance,
to electronic integrated circuits and chip design. This unit is
used more commonly in soldering PCB circuit boards in
electronics factories or laboratory settings. This unit is
especially suitable for soldering operations where precision
soldering is required.
DESCRIPTION
This soldering iron ATAS80 is a hand-operated tool used
for electronic soldering. As with all soldering units, the
ATAS80 supplies heat to the solder for melting. But we
just do it more precisely for a higher quality finished
product for you.
ATAS80 consists of a main power unit, a soldering
handle, easily changeable soldering tips, a handle holder,
a soldering handle connecting wire, a power cord, and a
grounding wire.
Solder handle wire
Power cord
Grounding wire


Similar Part No. - ATAS80

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
logo
Pro-Signal
ATA PROSIGNAL-ATA Datasheet
25Kb / 1P
Serial ATA Power Leads
logo
List of Unclassifed Man...
ATA-120 ETC-ATA-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
AGC TRANSIMPEDANCE AMPLIFIER
Rev. 1.5
More results

Similar Description - ATAS80

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
Iron powder toroids
TN12-2P40 FERROXCUBE-TN12-2P40 Datasheet
47Kb / 3P
Iron powder toroids
TN17-2P40 FERROXCUBE-TN17-2P40 Datasheet
46Kb / 3P
Iron powder toroids
TN20-13-6 FERROXCUBE-TN20-13-6 Datasheet
45Kb / 3P
Iron powder toroids
TN24-15-7.5 FERROXCUBE-TN24-15-7.5 Datasheet
46Kb / 3P
Iron powder toroids
TN27-15-11 FERROXCUBE-TN27-15-11 Datasheet
46Kb / 3P
Iron powder toroids
TN33-20-11 FERROXCUBE-TN33-20-11 Datasheet
46Kb / 3P
Iron powder toroids
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
Smart Iron Controller
logo
List of Unclassifed Man...
G66 ETC1-G66 Datasheet
1Mb / 8P
Ductile Iron pump head
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com