Electronic Components Datasheet Search
  English  ▼

X  

HANDI-VAC Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # HANDI-VAC
Description  Vacuum Sucking Pen
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

HANDI-VAC Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  HANDI-VAC Datasheet HTML 1Page - Analog Technologies, Inc. HANDI-VAC Datasheet HTML 2Page - Analog Technologies, Inc. HANDI-VAC Datasheet HTML 3Page - Analog Technologies, Inc. HANDI-VAC Datasheet HTML 4Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2352 Walsh Ave. Santa Clara, CA 95051. U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111
www.analogtechnologies.com
Copyrights 2000 – 2013, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2013
3
Analog Technologies
HANDI-VAC
Vacuum Sucking Pen
EXPERIMENT
Figure 6. Test One
Figure 7. Test Two
The
experimental
results:
3/8"
(9.53mm) diameter vacuum cup
draws a maximum weight of 13 g.
The experimental result: 1/4"
(6.35 mm) diameter vacuum cup
draws a maximum weight of 5.8 g.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com