Electronic Components Datasheet Search
  English  ▼

X  

LP200 Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # LP200
Description  Vacuum Sucking Pen
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

LP200 Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  LP200 Datasheet HTML 1Page - Analog Technologies, Inc. LP200 Datasheet HTML 2Page - Analog Technologies, Inc. LP200 Datasheet HTML 3Page - Analog Technologies, Inc. LP200 Datasheet HTML 4Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2352 Walsh Ave. Santa Clara, CA 95051. U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111
www.analogtechnologies.com
Copyrights 2000 – 2013, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2013
4
Analog Technologies
LP-200
Vacuum Sucking Pen
Figure 8. Test Three
ORDERING INFORMATION
Part#
1~3
4~9
10~15
16~20
LP-200
$15.8
$14.3
$13.1
$11.9
NOTICE
1. ATI reserves the right to make changes to its products or to discontinue any product or service without notice, and advise
customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied
on is current and complete.
2. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including
those pertaining to warranty, patent infringement, and limitation of liability. Testing and other quality control techniques are
utilized to the extent ATI deems necessary to support this warranty. Specific testing of all parameters of each device is not
necessarily performed, except those mandated by government requirements.
3. Customers are responsible for their applications using ATI components. In order to minimize risks associated with the
customers’ applications, adequate design and operating safeguards must be provided by the customers to minimize inherent
or procedural hazards. ATI assumes no liability for applications assistance or customer product design.
4. ATI does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright,
mask work right, or other intellectual property right of ATI covering or relating to any combination, machine, or process in
which such products or services might be or are used. ATI’s publication of information regarding any third party’s products
or services does not constitute ATI’s approval, warranty or endorsement thereof.
5. IP (Intellectual Property) Ownership: ATI retains the ownership of full rights for special technologies and/or techniques
embedded in its products, the designs for mechanics, optics, plus all modifications, improvements, and inventions made by
ATI for its products and/or projects.
The
experimental
result:
1/8"
(3.18mm) diameter vacuum cup
draws a maximum weight of 1.5 g.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com