Electronic Components Datasheet Search
  English  ▼

X  

TPC10A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TPC10A
Description  Surface Mount PAR® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPC10A Datasheet(HTML) 2 Page - Vishay Siliconix

  TPC10A Datasheet HTML 1Page - Vishay Siliconix TPC10A Datasheet HTML 2Page - Vishay Siliconix TPC10A Datasheet HTML 3Page - Vishay Siliconix TPC10A Datasheet HTML 4Page - Vishay Siliconix TPC10A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPC6.8A thru TPC51A
www.vishay.com
Vishay General Semiconductor
Revision: 19-Apr-2022
2
Document Number: 89056
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) VBR measured after IT applied for 300 μs, IT = square wave pulse or equivalent
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) To calculate VBR vs. junction temperature, use the following formula: VBR at TJ = VBR at 25 °C x (1 +
αT x (TJ - 25))
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR (1) AT IT (V)
TEST
CURREN
T
IT
(mA)
STAND-OF
F
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR (μA)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
TJ = 150 °C
ID (μA)
MAXIMUM
PEAK
PULSE
SURGE
CURRENT
IPPM (2) (A)
MAXIMUM
CLAMPIN
G
VOLTAGE
AT IPPM
VC (V)
TYPICAL
TEMP.
COEFFICIE
NT OF VBR (3)
αT
(%/°C)
MIN. NOM. MAX.
TPC6.8A
DEP
6.45
6.80
7.14
10
5.80
1500
10 000
143
10.5
0.047
TPC7.5A
DGP
7.13
7.50
7.88
10
6.40
500
5000
133
11.3
0.052
TPC8.2A
DKP
7.79
8.20
8.61
10
7.02
200
2000
124
12.1
0.056
TPC9.1A
DMP
8.65
9.10
9.55
1.0
7.78
50
500
112
13.4
0.060
TPC10A
DPP
9.5
10.0
10.5
1.0
8.55
20
200
103
14.5
0.064
TPC11A
DRP
10.5
11.0
11.6
1.0
9.40
5.0
50
96.2
15.6
0.067
TPC12A
DTP
11.4
12.0
12.6
1.0
10.2
2.0
10
89.8
16.7
0.070
TPC13A
DVP
12.4
13.0
13.7
1.0
11.1
2.0
10
82.4
18.2
0.072
TPC15A
DXP
14.3
15.0
15.8
1.0
12.8
1.0
10
70.8
21.2
0.076
TPC16A
DZP
15.2
16.0
16.8
1.0
13.6
1.0
10
66.7
22.5
0.078
TPC18A
EEP
17.1
18.0
18.9
1.0
15.3
1.0
10
59.5
25.2
0.080
TPC20A
EGP
19.0
20.0
21.0
1.0
17.1
1.0
10
54.2
27.7
0.082
TPC22A
EKP
20.9
22.0
23.1
1.0
18.8
1.0
10
49.0
30.6
0.084
TPC24A
EMP
22.8
24.0
25.2
1.0
20.5
1.0
10
45.2
33.2
0.085
TPC27A
EPP
25.7
27.0
28.4
1.0
23.1
1.0
10
40.0
37.5
0.087
TPC30A
ERP
28.5
30.0
31.5
1.0
25.6
1.0
10
36.2
41.4
0.088
TPC33A
ETP
31.4
33.0
34.7
1.0
28.2
1.0
10
32.8
45.7
0.089
TPC36A
EVP
34.2
36.0
37.8
1.0
30.8
1.0
15
30.1
49.9
0.090
TPC39A
EXP
37.1
39.0
41.0
1.0
33.3
1.0
15
27.8
53.9
0.091
TPC43A
EZP
40.9
43.0
45.2
1.0
36.8
1.0
20
25.3
59.3
0.092
TPC47A
FEP
44.7
47.0
49.4
1.0
40.2
1.0
20
23.1
64.8
0.092
TPC51A
FGP
48.5
51.0
53.6
1.0
43.6
1.0
20
21.4
70.1
0.093
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TPC10AHM3_A/H (1)
0.10
H
1500
7" diameter plastic tape and reel
TPC10AHM3_A/I (1)
0.10
I
6500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com