Electronic Components Datasheet Search
  English  ▼

X  

TPSMB10A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TPSMB10A
Description  Surface-Mount PAR® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMB10A Datasheet(HTML) 2 Page - Vishay Siliconix

  TPSMB10A Datasheet HTML 1Page - Vishay Siliconix TPSMB10A Datasheet HTML 2Page - Vishay Siliconix TPSMB10A Datasheet HTML 3Page - Vishay Siliconix TPSMB10A Datasheet HTML 4Page - Vishay Siliconix TPSMB10A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPSMB6.8A thru TPSMB43A
www.vishay.com
Vishay General Semiconductor
Revision: 19-Apr-2021
2
Document Number: 88406
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) VBR measured after IT applied for 300 μs, IT = square wave pulse or equivalent
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) To calculate VBR vs. junction temperature, use the following formula: VBR at TJ = VBR at 25 °C x (1 +
αT x (TJ - 25))
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR (1) AT IT
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR
(μA)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
TJ = 150 °C
ID
(μA)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC
(V)
TYPICAL
TEMP.
COEFFICIENT
OF VBR (3)
αT
(%/°C)
MIN.
NOM.
MAX.
TPSMB6.8A
KEP
6.45
6.80
7.14
10
5.8
500
1000
57.1
10.5
0.047
TPSMB7.5A
KGP
7.13
7.50
7.88
10
6.4
250
500
53.1
11.3
0.052
TPSMB8.2A
KKP
7.79
8.20
8.61
10
7.02
100
200
49.6
12.1
0.056
TPSMB9.1A
KMP
8.65
9.10
9.55
1
7.78
25
50
44.8
13.4
0.060
TPSMB10A
KPP
9.5
10.0
10.5
1
8.55
5
20
41.4
14.5
0.064
TPSMB11A
KRP
10.5
11.0
11.6
1
9.4
2
5
38.5
15.6
0.067
TPSMB12A
KTP
11.4
12.0
12.6
1
10.2
2
5
35.9
16.7
0.070
TPSMB13A
KVP
12.4
13.0
13.7
1
11.1
2
5
33
18.2
0.072
TPSMB15A
KXP
14.3
15.0
15.8
1
12.8
1
5
28.3
21.2
0.076
TPSMB16A
KZP
15.2
16.0
16.8
1
13.6
1
5
26.7
22.5
0.078
TPSMB18A
LEP
17.1
18.0
18.9
1
15.3
1
5
23.8
25.2
0.080
TPSMB20A
LGP
19
20.0
21
1
17.1
1
5
21.7
27.7
0.082
TPSMB22A
LKP
20.9
22.0
23.1
1
18.8
1
5
19.6
30.6
0.084
TPSMB24A
LMP
22.8
24.0
25.2
1
20.5
1
5
18.1
33.2
0.085
TPSMB27A
LPP
25.7
27.0
28.4
1
23.1
1
5
16
37.5
0.087
TPSMB30A
LRP
28.5
30.0
31.5
1
25.6
1
5
14.5
41.4
0.088
TPSMB33A
LTP
31.4
33.0
34.7
1
28.2
1
5
13.1
45.7
0.089
TPSMB36A
LVP
34.2
36.0
37.8
1
30.8
1
5
12
49.9
0.090
TPSMB39A
LXP
37.1
39.0
41.0
1
33.3
1
5
11.1
53.9
0.091
TPSMB43A
LZP
40.9
43.0
45.2
1
36.8
1
5
10.1
59.3
0.092
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TPSMB6.8AHE3_A/H (1)
0.096
H
750
7" diameter plastic tape and reel
TPSMB6.8AHE3_A/I (1)
0.096
I
3200
13" diameter plastic tape and reel
TPSMB6.8AHM3_A/H (1)
0.096
H
750
7" diameter plastic tape and reel
TPSMB6.8AHM3_A/I (1)
0.096
I
3200
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com