Electronic Components Datasheet Search
  English  ▼

X  

US1AF Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # US1AF
Description  ULTRAFAST RECOVERY RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

US1AF Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  US1AF Datasheet HTML 1Page - AiT Semiconductor Inc. US1AF Datasheet HTML 2Page - AiT Semiconductor Inc. US1AF Datasheet HTML 3Page - AiT Semiconductor Inc. US1AF Datasheet HTML 4Page - AiT Semiconductor Inc. US1AF Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
US1AF~US1MF
ULTRAFAST RECOVERY RECTIFIER DIODES
REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
- APR 2015 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The US1AF~US1MF are available in SMAF package 
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Easy to pick and place
High efficiency
Fast reverse recovery time
Available in SMAF package
ORDERING INFORMATION
Package Type
Part Number
SMAF
US1AF
US1BF
US1DF
US1GF
US1JF
US1KF
US1MF
Note
SPQ: 3,000pcs/Reel
AiT provides all RoHS Compliant Products
MECHANICAL DATA
Case: SMAF
Terminals: Solderable per MIL-STD-750,
Method 2026
Approx. Weight: 27mg 0.00086oz
PIN DESCRIPTION


Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AF PANJIT-US1AF Datasheet
285Kb / 5P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
1N4001 AITSEMI-1N4001 Datasheet
292Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
1N4001F AITSEMI-1N4001F Datasheet
564Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
1N4001WA AITSEMI-1N4001WA Datasheet
698Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
DRS1AF AITSEMI-DRS1AF Datasheet
579Kb / 5P
FAST RECOVERY RECTIFIER DIODE REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.1
ES1AF AITSEMI-ES1AF Datasheet
534Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 1A
REV1.0
FR101W AITSEMI-FR101W Datasheet
473Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE -50V TO 1000V FORWARD CURRENT -1A
REV1.1
S1AW AITSEMI-S1AW Datasheet
693Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
US1AA AITSEMI-US1AA Datasheet
238Kb / 5P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
US1AW AITSEMI-US1AW Datasheet
552Kb / 6P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
US2AB AITSEMI-US2AB Datasheet
244Kb / 5P
ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 2A
REV1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com