Electronic Components Datasheet Search
  English  ▼

X  

WCB Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # WCB
Description  CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

WCB Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  WCB Datasheet HTML 1Page - AiT Semiconductor Inc. WCB Datasheet HTML 2Page - AiT Semiconductor Inc. WCB Datasheet HTML 3Page - AiT Semiconductor Inc. WCB Datasheet HTML 4Page - AiT Semiconductor Inc. WCB Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
CHIP INDUCTOR
WCB
●ELECTRICAL CHARACTERISTICS
PART NUMBER
Inductance (μH)
Test Freq.
Self-resonant
Frequency
(MHz) min.
DCR
(Ω)
IDC
(mA) max.
WCB201209-R47ML
0.47
1MHz, 250mV
100
0.10±25%
1100
WCB201209-R68ML
0.68
1MHz, 250mV
100
0.12±25%
1000
WCB201209-R82ML
0.82
1MHz, 250mV
90
0.14±25%
900
WCB201209-1R0ML
1.0
1MHz, 250mV
90
0.16±25%
800
WCB201209-1R2ML
1.2
1MHz, 250mV
80
0.16±25%
800
WCB201209-1R5ML
1.5
1MHz, 250mV
70
0.22±25%
700
WCB201209-1R8ML
1.8
1MHz, 250mV
60
0.22±25%
700
WCB201209-2R2ML
2.2
1MHz, 250mV
50
0.25±25%
600
WCB201209-3R3ML
3.3
1MHz, 250mV
40
0.22±25%
500
WCB201209-4R7ML
4.7
1MHz, 250mV
30
0.30±25%
500
PART NUMBER
Inductance
(μH)
Test Freq.
SRF
(MHz) min.
DCR
(Ω)
IDC
(mA) max.
WCB201609-R47ML
0.47
1MHz, 250mV
100
0.14
±30%
1500
WCB201609-R68ML
0.68
1MHz, 250mV
90
0.15
±30%
1500
WCB201609-R82ML
0.82
1MHz, 250mV
80
0.16
±30%
1500
WCB201609-1R0ML
1.0
1MHz, 250mV
60
0.16
±30%
1400
WCB201609-1R2ML
1.2
1MHz, 250mV
60
0.16
±30%
1400
WCB201609-1R5ML
1.5
1MHz, 250mV
50
0.20
±30%
1200
WCB201609-1R8ML
1.8
1MHz, 250mV
50
0.20
±30%
1200
WCB201609-2R2ML
2.2
1MHz, 250mV
40
0.22
±30%
1200
WCB201609-3R3ML
3.3
1MHz, 250mV
30
0.24
±30%
1100
WCB201609-4R7ML
4.7
1MHz, 250mV
20
0.30
±30%
1100
PART NUMBER
Inductance
(μH)
Test Freq.
SRF
(MHz) min.
DCR
(Ω)
IDC
(mA) max.
WCB252009-R47ML
0.47
1MHz, 250mV
100
0.07
±25%
1800
WCB252009-R68ML
0.68
1MHz, 250mV
90
0.09
±25%
1700
WCB252009-R82ML
0.82
1MHz, 250mV
80
0.10
±25%
1700
WCB252009-1R0ML
1.0
1MHz, 250mV
60
0.11
±25%
1600
WCB252009-1R2ML
1.2
1MHz, 250mV
60
0.11
±25%
1600
WCB252009-1R5ML
1.5
1MHz, 250mV
50
0.13
±25%
1500
WCB252009-1R8ML
1.8
1MHz, 250mV
50
0.13
±25%
1500
WCB252009-2R2ML
2.2
1MHz, 250mV
40
0.17
±25%
1300
WCB252009-3R3ML
3.3
1MHz, 250mV
30
0.16
±25%
1200
WCB252009-4R7ML
4.7
1MHz, 250mV
25
0.20
±25%
1100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com