Electronic Components Datasheet Search
  English  ▼

X  

MPC604E Datasheet(PDF) 18 Page - Motorola, Inc

Part # MPC604E
Description  PowerPC 604e-TM RISC Microprocessor Technical Summary
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC604E Datasheet(HTML) 18 Page - Motorola, Inc

Back Button MPC604E Datasheet HTML 14Page - Motorola, Inc MPC604E Datasheet HTML 15Page - Motorola, Inc MPC604E Datasheet HTML 16Page - Motorola, Inc MPC604E Datasheet HTML 17Page - Motorola, Inc MPC604E Datasheet HTML 18Page - Motorola, Inc MPC604E Datasheet HTML 19Page - Motorola, Inc MPC604E Datasheet HTML 20Page - Motorola, Inc MPC604E Datasheet HTML 21Page - Motorola, Inc MPC604E Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
18
PowerPC 604e RISC Microprocessor Technical Summary
Figure 5. PowerPC 604e Microprocessor Signal Groups
1.2.12 Clocking
The 604e has a phase-locked loop (PLL) that generates the internal processor clock. The input, or reference
signal, to the PLL is the bus clock. The feedback in the PLL guarantees that the processor clock is phase
locked to the bus clock, regardless of process variations, temperature changes, or parasitic capacitances. The
PLL also ensures a 50% duty cycle for the processor clock.
BUS REQUEST
BUS GRANT
ADDRESS BUS BUSY
TRANSFER START
EXTENDED TRANSFER START
ADDRESS
ADDRESS PARITY
ADDRESS PARITY ERROR
TRANSFER TYPE
TRANSFER CODE
TRANSFER SIZE
TRANSFER BURST
CACHE INHIBIT
WRITE THROUGH
GLOBAL
ADDRESS ACKNOWLEDGE
CACHE SET MEMBER
ADDRESS RETRY
SHARED
DATA
ARBITRATION
ADDRESS
START
ADDRESS
TRANSFER
TRANSFER
ATTRIBUTE
ADDRESS
TERMINATION
DATA BUS GRANT
DATA BUS WRITE ONLY
DATA BUS BUSY
DATA
DATA PARITY
DATA PARITY ERROR
TRANSFER ACKNOWLEDGE
DATA RETRY
TRANSFER ERROR ACK
INTERRUPT
SYSTEM RESET
1
1
1
1
1
32
4
1
5
3
3
1
1
1
1
2
1
1
1
1
1
1
64
8
1
1
1
1
1
1
1
ADDRESS
ARBITRATION
DATA
TRANSFER
DATA
TERMINATION
INTERRUPT
TEST ACCESS PORT
JTAG / COP
1
1
SYSTEM CLOCK
1
TOTAL: 171
CHECKSTOP INPUT_
1
STATE
PROCESSOR
CHECKSTOP_OUTPUT_
RESERVATION
TEST DATA OUT
4
CLOCK
ENABLE TIMEBASE
1
MACHINE CHECK_
1
DATA BUS DISABLE
1
1
HARD RESET
DRIVER MODE
2
MISC
L2_INT
1
RUN
1
HALTED
1
SYSTEM MANAGEMENT
1
PLL CONFIG
4
CLOCK OUT
1
1
ANALOG VDD
SIGNALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com