Electronic Components Datasheet Search
  English  ▼

X  

AD9744ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9744ARZ
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9744ARZ Datasheet HTML 4Page - Analog Devices AD9744ARZ Datasheet HTML 5Page - Analog Devices AD9744ARZ Datasheet HTML 6Page - Analog Devices AD9744ARZ Datasheet HTML 7Page - Analog Devices AD9744ARZ Datasheet HTML 8Page - Analog Devices AD9744ARZ Datasheet HTML 9Page - Analog Devices AD9744ARZ Datasheet HTML 10Page - Analog Devices AD9744ARZ Datasheet HTML 11Page - Analog Devices AD9744ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD9744
Data Sheet
Rev. C | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. SFDR vs. fOUT at 0 dBFS
Figure 6. SFDR vs. fOUT at 65 MSPS
Figure 7. SFDR vs. fOUT at 125 MSPS
Figure 8. SFDR vs. fOUT at 165 MSPS
Figure 9. SFDR vs. fOUT at 210 MSPS
Figure 10. SFDR vs. fOUT and IOUTFS at 65 MSPS and 0 dBFS
45
50
55
60
65
70
75
80
85
90
95
fOUT (MHz)
1
10
100
65MSPS
125MSPS
165MSPS
125MSPS (LFCSP)
165MSPS (LFCSP)
210MSPS
210MSPS (LFCSP)
45
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
45
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
35
40
45
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
45
50
55
60
65
70
75
80
85
90
95
20
30
0
10
40
50
60
fOUT (MHz)
0dBFS (LFCSP)
–6dBFS (LFCSP)
–12dBFS (LFCSP)
–6dBFS
0dBFS
–12dBFS
45
50
55
60
65
70
75
80
85
90
95
0
10
20
30
40
50
60
70
80
fOUT (MHz)
–12dBFS (LFCSP)
–6dBFS
0dBFS
–12dBFS
0dBFS (LFCSP)
–6dBFS (LFCSP)
45
50
55
60
65
70
75
80
85
90
95
0
5
10
15
20
25
fOUT (MHz)
20mA
10mA
5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com