Electronic Components Datasheet Search
  English  ▼

X  

CZB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CZB
Description  Thick Film Chip Attenuator, Surface Mount, Balanced ? Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CZB Datasheet(HTML) 1 Page - Vishay Siliconix

  CZB Datasheet HTML 1Page - Vishay Siliconix CZB Datasheet HTML 2Page - Vishay Siliconix CZB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CZB
www.vishay.com
Vishay Dale
End of Life June-2021
Revision: 11-Jan-2021
1
Document Number: 31101
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Attenuator, Surface Mount, Balanced
π Type
FEATURES
• Single component reduces board space and
component counts - replaces 3 or more
components
• Tolerance matching and temperature tracking
superior to individual components
• Maximum power dissipation: 0.075 W for
CZB06S
• Consult
factory
for
extended
values,
non-standard tolerances, impedance matching and other
attenuation values
• Frequency range: DC to 3 GHz
• Surface mount chip attenuator in a resistor array package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and / or parts that are non RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details
Note
• Power rating depends on the maximum temperature at the solder point, the component placement density and the substrate material
Note
(1) Consult factory for other attenuations
Note
• For additional information on packaging, refer to the Surface Mount Network Packaging document (www.vishay.com/doc?31540)
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING P70 °C
W
IMPEDANCE
Ω
ATTENUATION RANGE AND TOLERANCE
± 0.3 dB (L)
± 0.5 dB (H)
CZB06S
0.075
50/75
0 dB, 1 dB to 5 dB
6 dB to 10 dB
IMPEDANCE
50
Ω
75
Ω
Attenuation in dB (1)
11
1.5
1.5
22
33
44
55
66
10
10
CIRCUIT SCHEMATIC
4-PIN CIRCUIT
Balanced
π Type
4
1
3
2
R1
R2
R2
CZB06S
(Marking)
R1
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CZB06S
Rated dissipation at 70 °C
W
0.075
VSWR
1.2 max.
Category temperature range
°C
-55 to +150
Frequency range
DC to 3 GHz
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CZB06S04020050LRT (preferred part numbering format)
MODEL
PIN COUNT
ATTENUATION
IMPEDANCE
TOLERANCE
PACKAGING
SPECIAL
CZB06S
04 = 4 pin
010 = 1.0 dB
015 = 1.5 dB
020 = 2.0 dB
100 = 10.0 dB
000 = 0 dB
050 = 50
Ω
075 = 75
Ω
H = ± 0.5 dB
L = ± 0.3 dB
EA = lead (Pb)-free, T/R
RT = tin lead, T/R
(Dash number)
Up to 1 digit
Blank = standard
T
R
L
0
5
0
0
2
0
4
0
S
6
0
B
Z
C


Similar Part No. - CZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CZB VISHAY-CZB Datasheet
116Kb / 3P
Thick Film Chip Attenuator, Surface Mount, Balanced Type
14-May-14
logo
Lumberg
CZB03-0364 LUMBERG-CZB03-0364 Datasheet
242Kb / 3P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
CZB03-0364 LUMBERG-CZB03-0364 Datasheet
350Kb / 3P
Tools and harnessing machines
CZB03-0369 LUMBERG-CZB03-0369 Datasheet
236Kb / 3P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
CZB03-0369 LUMBERG-CZB03-0369 Datasheet
350Kb / 3P
Tools and harnessing machines
More results

Similar Description - CZB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CZA VISHAY-CZA Datasheet
108Kb / 3P
Thick Film Chip Resistor Attenuator, Surface Mount
27-Apr-10
RCWE0603R330FKEA VISHAY-RCWE0603R330FKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
07-Mar-13
RCWE1206R560FKEA VISHAY-RCWE1206R560FKEA Datasheet
86Kb / 4P
Thick Film Surface Mount Chip Resistors
18-Nov-13
D2TO035C10R00FTE3 VISHAY-D2TO035C10R00FTE3 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
31-Oct-13
D2TO20 VISHAY-D2TO20_15 Datasheet
139Kb / 6P
Surface Mount Power Resistor Thick Film Technology
10-Feb-15
LPS800 VISHAY-LPS800_15 Datasheet
104Kb / 4P
High Reliability Thick Film Resistor, Surface Mount Chip
07-Aug-14
M VISHAY-M Datasheet
104Kb / 4P
High Reliability Thick Film Resistor,Surface Mount Chip
07-Aug-14
RCWE VISHAY-RCWE Datasheet
93Kb / 4P
Thick Film Surface Mount Chip Resistors,
07-Oct-15
CZB VISHAY-CZB Datasheet
116Kb / 3P
Thick Film Chip Attenuator, Surface Mount, Balanced Type
14-May-14
RCWK0306 VISHAY-RCWK0306 Datasheet
355Kb / 4P
Thick Film Surface Mount Chip Resistors, Current Sensor, 4-Terminal
24-Feb-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com