Electronic Components Datasheet Search
  English  ▼

X  

ASD723SN Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ASD723SN
Description  Advanced Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ASD723SN Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ASD723SN Datasheet HTML 1Page - Cystech Electonics Corp. ASD723SN Datasheet HTML 2Page - Cystech Electonics Corp. ASD723SN Datasheet HTML 3Page - Cystech Electonics Corp. ASD723SN Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C343SN
Issued Date : 2003.08.19
Revised Date :2003.12.05
Page No. : 2/4
ASD723SN
CYStek Product Specification
Characteristic Curves
Forward Current Derating Curve
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature---TA(℃)
M ounting on glass
epoxy PCBs
Forward Current vs Forward Voltage
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Forward Voltage---VF(V)
- 25℃
25℃
75℃
125℃
Reverse Leakage Current vs Reverse Voltage
0.0001
0.001
0.01
0.1
1
10
010
20
30
40
Reverse Voltage---VR(V)
75℃
25℃
125℃
Capacitance vs Reverse Voltage
1
10
100
0
5
10
15
20
25
30
35
Reverse Voltage---VR(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com