Electronic Components Datasheet Search
  English  ▼

X  

BP Datasheet(PDF) 2 Page - C&K Components

Part # BP
Description  Side Actuated DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

BP Datasheet(HTML) 2 Page - C&K Components

  BP Datasheet HTML 1Page - C&K Components BP Datasheet HTML 2Page - C&K Components BP Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(NONE) (STD.) THROW
SWITCH FUNCTION
R REVERSE THROW
NOTE: All switches shipped in ‘OFF’ position standard.
Actuator is DOWN in ON position, as shown.
Actuator is UP in ON position, as shown.
1 CONTACTS: Gold over nickel over phosphor bronze.
2 CONTACTS & ALL TERMINALS: Phosphor bronze, tin plated.
E (STD.) EPOXY TERMINAL SEAL, NO TAPE SEAL
T EPOXY TERMINAL SEAL, REMOVABLE TAPE ACTUATOR SEAL.
SPLASH RESISTANT.
CONTACT MATERIAL
SEAL
MODEL
BP08
EPOXY
TERMINAL
SEAL
Part No. Shown: BP08KE
PC MOUNTING
Side Actuated DIP Switches
BP Series
D
D-6
COMPONENTS, INC.
57 Stanley Avenue, Watertown, MA 02172
Tel: (617) 926-6400
Fax: (617) 926-6846
Sales: (800) 635-5936
MODEL
NO.
NO. POS.
DIM. ‘A’
BP01
1
.206 (5,23)
BP02
2
.306 (7,77)
BP03
3
.406 (10,31)
BP04
4
.506 (12,85)
BP05
5
.606 (15,39)
BP06
6
.706 (17,93)
BP07
7
.806 (20,47)
BP08
8
.906 (23,00)
BP10
10
1.106 (28,09)
BP12
12
1.306 (33,17)
Schematic:
SPST
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
K
GOLD1
TIN 2
CARRY: 100 mA max. @ 50 V DC;
Y
TIN 2
TIN 2
LOW LEVEL / DRY CIRCUIT
CARRY: 100 mA max. @ 50 V DC
SWITCH: 100 mA max. @ 5 V DC or 25 mA max. @ 25 V DC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com