Electronic Components Datasheet Search
  English  ▼

X  

MOC3071M Datasheet(PDF) 2 Page - ON Semiconductor

Part # MOC3071M
Description  6-Pin DIP Random-Phase Triac Driver Optocoupler (800 Volt Peak)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3071M Datasheet(HTML) 2 Page - ON Semiconductor

  MOC3071M Datasheet HTML 1Page - ON Semiconductor MOC3071M Datasheet HTML 2Page - ON Semiconductor MOC3071M Datasheet HTML 3Page - ON Semiconductor MOC3071M Datasheet HTML 4Page - ON Semiconductor MOC3071M Datasheet HTML 5Page - ON Semiconductor MOC3071M Datasheet HTML 6Page - ON Semiconductor MOC3071M Datasheet HTML 7Page - ON Semiconductor MOC3071M Datasheet HTML 8Page - ON Semiconductor MOC3071M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© Semiconductor Components Industries, LLC, 2016
September 2017 - Rev. 2
MOC3071M, MOC3072M
MOC3073M
6-Pin DIP Random-Phase Triac
Driver Optocoupler (800 Volt Peak)
The MOC3071M, MOC3072M and MOC3073
infrared emitting diode optically coupled to a non
bilateral AC switch (triac). These devices isolate low voltage logic from
240 VAC lines to provide random phase control of high current triacs or
thyristors. These devices feature greatly enhanced
to ensure stable switching performance of inductive loads.
Features
•
Excellent IFT Stability—IR Emitting Diode Has Low Degradation
•
800 V Peak Blocking Voltage
•
Safety and Regulatory Approvals
– UL1577, 4,170 VACRMS for 1 Minute
– DIN EN/IEC60747-5-5
Typical Applications
•
Solenoid/Valve Controls
•
Lamp Ballasts
•
Static AC Power Switch
•
Interfacing Microprocessors to 240 VAC
•
Solid State Relay
•
Incandescent Lamp Dimmers
•
Temperature Controls
•
Motor Controls
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number:
MOC3071M
MOC3071M, MOC3072M,
Phase Triac
Driver Optocoupler (800 Volt Peak)
and MOC3073M consist of a GaAs
infrared emitting diode optically coupled to a non-zero- crossing silicon
isolate low voltage logic from
lines to provide random phase control of high current triacs or
enhanced static dv/dt capability
to ensure stable switching performance of inductive loads.
IR Emitting Diode Has Low Degradation
for 1 Minute
Peripherals
www.onsemi.com
MDIP 6L WHITE
MARKING DIAGRAM
1. F
= Fairchild Logo
2. MOC3071 =Specific Device Code
3. V
=DIN EN/IEC60747
4. X
=One-Digit Year Code
5. YY
=Two-Digit Work Week
6. Q
=Assembly Package Code
PIN CONNECTIONS
ORDERING INFORMATION
See detailed ordering and shipping
this data sheet.
Publication Order Number:
MOC3071M / MOC3072M/D
www.onsemi.com
MDIP 6L WHITE
MARKING DIAGRAM
= Fairchild Logo
=Specific Device Code
EN/IEC60747-5-5 Option
Digit Year Code
Digit Work Week
=Assembly Package Code
PIN CONNECTIONS
INFORMATION
and shipping information page 9 of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com