Electronic Components Datasheet Search
  English  ▼

X  

MOC3071VM Datasheet(PDF) 13 Page - ON Semiconductor

Part # MOC3071VM
Description  6-Pin DIP Random-Phase Triac Driver Optocoupler (800 Volt Peak)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3071VM Datasheet(HTML) 13 Page - ON Semiconductor

Back Button MOC3071VM Datasheet HTML 6Page - ON Semiconductor MOC3071VM Datasheet HTML 7Page - ON Semiconductor MOC3071VM Datasheet HTML 8Page - ON Semiconductor MOC3071VM Datasheet HTML 9Page - ON Semiconductor MOC3071VM Datasheet HTML 10Page - ON Semiconductor MOC3071VM Datasheet HTML 11Page - ON Semiconductor MOC3071VM Datasheet HTML 12Page - ON Semiconductor MOC3071VM Datasheet HTML 13Page - ON Semiconductor MOC3071VM Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MOC3071M, MOC3072M, MOC3073M
www.onsemi.com
12
6 LEAD MDIP OPTO WHITE 0.4" LEAD SPACING
NOTES:
A) NO STANDARD APPLIES TO THIS PACKAGE.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH, AND TIE BAR EXTRUSION
8.13-8.89
0.38 (MIN)
0.41-0.51
1.02-1.78
0.76-1.14
0.25-0.36
2.54 BSC
10.16-10.80
0.20-0.30
PIN 1
D) DRAWING FILENAME AND REVSION: MKT-N06Drev4
1
3
6
4
(0.86)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com