Electronic Components Datasheet Search
  English  ▼

X  

331 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # 331
Description  WIRE WOUND SMD INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

331 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  331 Datasheet HTML 1Page - AiT Semiconductor Inc. 331 Datasheet HTML 2Page - AiT Semiconductor Inc. 331 Datasheet HTML 3Page - AiT Semiconductor Inc. 331 Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
WIRE WOUND SMD INDUCTOR
WSS
●FEATURE
1.
Low core loss for high frequency power application
2.
Large terminal surface
●APPLICATION
1.
Portable communication equipment, notebook computer
●ORDERING INFORMATION
WSS1203
-1R3
T
PN
Inductance
M: ±20%
●SHAPE AND DIMENSION
●SCHEMATICS AND LAND
PATTERNS(mm)
Fig1
Fig2
●SPECIFICATION
Dimension in mm
TYPE
A
B
C
E
F
G
Fig
WSS1203
12.0±0.30
12.0±0.30
3.90Max
12.80
5.40
7.00
1
WSS1204
12.0±0.30
12.0±0.30
5.00Max
12.80
5.40
7.00
1
WSS1205
12.0±0.30
12.0±0.30
6.00Max
12.80
5.40
7.00
1
WSS1207
12.0±0.30
12.0±0.30
8.00Max
12.80
5.40
7.00
1
WSS0603
6.60±0.30
6.20±0.30
3.00Max
8.00
1.50
4.80
2
WSS0605
6.60±0.30
6.20±0.30
5.00Max
8.00
1.50
4.80
2
WSS0703
7.30±0.20
7.30±0.20
3.50Max
8.00
2.20
4.80
2
WSS0704
7.30±0.20
7.30±0.20
4.50Max
8.00
2.20
4.80
2
Note1. Measurement frequency of Inductance value : 1.0uH~7.6uH at 7.96MHz, 0.1V, 10uH~1.0mH at 1kHz, 0.1V
WSS1207:1.2uH~7.6uH at 100kHz, 0.1V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25°C
Note3. The rated current indicates the current when the inductance decreases to75% over of it
’s nominal value or
D.C. current when the temperature r
ising Δt=30°C lower, whichever is lower
Note4. Inductance tolerance: M: ±20%


Similar Part No. - 331

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
331 PRODUCTWELL-331 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
AiT Semiconductor Inc.
331 AITSEMI-331 Datasheet
817Kb / 4P
POWER INDUCTOR
logo
Abbatron All Rights Res...
331 ABBATRON-331 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
331 KEYSTONE-331 Datasheet
396Kb / 1P
RETAINING SPACERS & HINGED STANDOFFS
31-07 20th
logo
English Chain Co. Ltd
331 08 ENGLISHCHAIN-331 08 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results

Similar Description - 331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
744775330 ETC2-744775330 Datasheet
90Kb / 2P
WE-ASI SMD Wire Wound Inductor
logo
Wurth Elektronik GmbH &...
74458303 WURTH-74458303 Datasheet
1Mb / 5P
WE-ASI SMD Wire Wound Inductor
744775360 WURTH-744775360 Datasheet
783Kb / 5P
WE-ASI SMD Wire Wound Inductor
744776333 WURTH-744776333 Datasheet
806Kb / 5P
WE-ASI SMD Wire Wound Inductor
744775330 WURTH-744775330 Datasheet
782Kb / 5P
WE-ASI SMD Wire Wound Inductor
logo
AiT Semiconductor Inc.
WSA AITSEMI-WSA Datasheet
286Kb / 4P
WIRE WOUND SMD INDUCTOR
WSC AITSEMI-WSC Datasheet
348Kb / 3P
WIRE WOUND SMD INDUCTOR 10uH짹20% / 1.0A
WSF AITSEMI-WSF Datasheet
464Kb / 15P
WIRE WOUND SMD INDUCTOR
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
WSM AITSEMI-WSM Datasheet
272Kb / 3P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com