Electronic Components Datasheet Search
  English  ▼

X  

ES1DAF Datasheet(PDF) 2 Page - ON Semiconductor

Part # ES1DAF
Description  Surface Mount Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES1DAF Datasheet(HTML) 2 Page - ON Semiconductor

  ES1DAF Datasheet HTML 1Page - ON Semiconductor ES1DAF Datasheet HTML 2Page - ON Semiconductor ES1DAF Datasheet HTML 3Page - ON Semiconductor ES1DAF Datasheet HTML 4Page - ON Semiconductor ES1DAF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES1DAF, ES1JAF
www.onsemi.com
2
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Characteristic
Value
Unit
YJL
Typical Thermal Characteristics, Junction−to−Lead (Note 1)
24
°C/W
RqJA
Typical Thermal Resistance, Junction−to−Ambient (Note 2)
150
°C/W
1. Mounted on an FR4 PCB, single−sided copper, with 48 cm2 copper pad area.
2. Mounted on an FR4 PCB, single−sided copper, mini pad.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
Forward Voltage
IF = 1 A
ES1DAF
−
−
0.95
V
ES1JAF
−
−
1.70
IR
Reverse Current
VR = VDC
−
−
1
mA
trr
Reverse Recovery Time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
−
−
34
ns
CJ
Junction Capacitance
VR = 4 V, f = 1 MHz
−
15
−
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Part Number
Top Mark
Package
Shipping†
ES1DAF
ES1DAF
DO−214AD (SMAF)
(Pb−Free/Halogen Free)
10000 / Tape & Reel
ES1JAF
ES1JAF
DO−214AD (SMAF)
(Pb−Free/Halogen Free)
10000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com