Electronic Components Datasheet Search
  English  ▼

X  

FODM1007R2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FODM1007R2
Description  Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FODM1007R2 Datasheet(HTML) 5 Page - ON Semiconductor

  FODM1007R2 Datasheet HTML 1Page - ON Semiconductor FODM1007R2 Datasheet HTML 2Page - ON Semiconductor FODM1007R2 Datasheet HTML 3Page - ON Semiconductor FODM1007R2 Datasheet HTML 4Page - ON Semiconductor FODM1007R2 Datasheet HTML 5Page - ON Semiconductor FODM1007R2 Datasheet HTML 6Page - ON Semiconductor FODM1007R2 Datasheet HTML 7Page - ON Semiconductor FODM1007R2 Datasheet HTML 8Page - ON Semiconductor FODM1007R2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FODM100x Series
www.onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Figure 7. Collector Dark Current vs. Ambient
Temperature
Figure 8. Collector Current vs. Collector
Emitter Voltage
Figure 9. Turn On / Turn Off Time vs. Collector
Current
Figure 10. Turn On / Turn Off Time vs. Forward
Current
VCE – COLLECTOR EMITTER VOLTAGE (V)
IC, COLLECTOR CURRENT (mA)
TA – AMBIENT TEMPERATURE (°C)
0.1
1
10
100
1000
10000
100000
20
40
60
80
100
120
VCE = 40 V
VCE = 20 V
0.1
1
10
0.1
1
10
100
1000
TA = 25°C
IF = 10 mA
IF = 20 mA IF = 50 mA
IF = 5 mA
IF = 2 mA
IF = 1 mA
0
0
2
4
6
8
10
8
4
121620
NON−SATURATED OPERATION
VS = 5 V, RL = 100 W
tON
tOFF
0
0
5
10
15
20
25
30
35
40
4
8
12
16
20
SATURATED OPERATION
VS = 5 V, RL = 1 kW
tON
tOFF
IF, FORWARD CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com