Electronic Components Datasheet Search
  English  ▼

X  

FQD2N60C Datasheet(PDF) 2 Page - ON Semiconductor

Part # FQD2N60C
Description  N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQD2N60C Datasheet(HTML) 2 Page - ON Semiconductor

  FQD2N60C Datasheet HTML 1Page - ON Semiconductor FQD2N60C Datasheet HTML 2Page - ON Semiconductor FQD2N60C Datasheet HTML 3Page - ON Semiconductor FQD2N60C Datasheet HTML 4Page - ON Semiconductor FQD2N60C Datasheet HTML 5Page - ON Semiconductor FQD2N60C Datasheet HTML 6Page - ON Semiconductor FQD2N60C Datasheet HTML 7Page - ON Semiconductor FQD2N60C Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2003 Semiconductor Components Industries, LLC.
October-2017,Rev.2
Publication Order Number:
FQU2N60C/D
Absolute Maximum Ratings TC = 25°C unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQD2N60CTM / FQU2N60CTU
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
1.9
A
- Continuous (TC = 100°C)
1.14
A
IDM
Drain Current
- Pulsed
(Note 1)
7.6
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
120
mJ
IAR
Avalanche Current
(Note 1)
1.9
A
EAR
Repetitive Avalanche Energy
(Note 1)
4.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TA = 25°C)*
2.5
W
Power Dissipation (TC = 25°C)
44
W
- Derate above 25°C
0.35
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQD2N60CTM /
FQU2N60CTU
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
2.87
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient (minimum pad of 2 oz copper), Max.
110
Thermal Resistance, Junction-to-Ambient (* 1 in2 pad of 2 oz copper), Max.
50
FQD2N60C / FQU2N60C
N-Channel QFET® MOSFET
600 V, 1.9 A, 4.7 Ω
Features
• 1.9 A, 600 V, RDS(on) = 4.7 Ω (Max.) @ VGS = 10 V,
ID = 0.95 A
• Low Gate Charge (Typ. 8.5 nC)
• Low Crss (Typ. 4.3 pF)
• 100% Avalanche Tested
•RoHS Compliant
Description
This N-Channel enhancement mode power MOSFET is
produced using ON Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, active power
factor correction (PFC), and electronic lamp ballasts.
GD
S
I-PAK
D-PAK
G
S
D
G
S
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com