Electronic Components Datasheet Search
  English  ▼

X  

J112 Datasheet(PDF) 2 Page - ON Semiconductor

Part # J112
Description  N-Channel Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J112 Datasheet(HTML) 2 Page - ON Semiconductor

  J112 Datasheet HTML 1Page - ON Semiconductor J112 Datasheet HTML 2Page - ON Semiconductor J112 Datasheet HTML 3Page - ON Semiconductor J112 Datasheet HTML 4Page - ON Semiconductor J112 Datasheet HTML 5Page - ON Semiconductor J112 Datasheet HTML 6Page - ON Semiconductor J112 Datasheet HTML 7Page - ON Semiconductor J112 Datasheet HTML 8Page - ON Semiconductor J112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
J111, J112, J113, MMBFJ111, MMBFJ112, MMBFJ113
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Max
Unit
OFF CHARACTERISTICS
V(BR)GSS
Gate−Source Breakdown Voltage
IG = −1.0 mA, VDS = 0
−35
−
V
IGSS
Gate Reverse Current
VGS = −15 V, VDS = 0
−
−1.0
nA
VGS(off)
Gate−Source Cut−Off Voltage
VDS = 5 V, ID = 1.0 mA
111
−3.0
−10.0
V
112
−1.0
−5.0
113
−0.5
−3.0
ID(off)
Drain Cutoff Leakage Current
VDS = 5.0 V, VGS = −10 V
−
1.0
nA
ON CHARACTERISTICS
IDSS
Zero−Gate Voltage Drain Current (Note 5)
VDS = 15 V, VGS = 0
111
20
−
mA
112
5.0
−
113
2.0
−
rDS(on)
Drain−Source On Resistance
VDS ≤ 0.1 V, VGS = 0
111
−
30
W
112
−
50
113
−
100
SMALL SIGNAL CHARACTERISTICS
Cdg(on)
Csg(on)
Drain−Gate &Source−Gate On Capacitance VDS = 0, VGS = 0, f = 1.0 MHz
−
28
pF
Cdg(off)
Drain−Gate Off Capacitance
VDS = 0, VGS = −10 V, f = 1.0 MHz
−
5.0
pF
Csg(off)
Source−Gate Off Capacitance
VDS = 0, VGS = −10 V, f = 1.0 MHz
−
5.0
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse test: pulse width ≤300 ms, duty cycle ≤2%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com