Electronic Components Datasheet Search
  English  ▼

X  

J113 Datasheet(PDF) 3 Page - ON Semiconductor

Part # J113
Description  N-Channel Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J113 Datasheet(HTML) 3 Page - ON Semiconductor

  J113 Datasheet HTML 1Page - ON Semiconductor J113 Datasheet HTML 2Page - ON Semiconductor J113 Datasheet HTML 3Page - ON Semiconductor J113 Datasheet HTML 4Page - ON Semiconductor J113 Datasheet HTML 5Page - ON Semiconductor J113 Datasheet HTML 6Page - ON Semiconductor J113 Datasheet HTML 7Page - ON Semiconductor J113 Datasheet HTML 8Page - ON Semiconductor J113 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
J111, J112, J113, MMBFJ111, MMBFJ112, MMBFJ113
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.4
0.8
1.2
1.6
2
0
2
4
6
8
10
VDS, DRAIN−SOURCE VOLTAGE (V)
− 0.4 V
− 1.0 V
− 0.8 V
− 0.2 V
− 0.6 V
VGS = 0 V
− 1.2 V
− 1.4 V
0.5
1
2
5
10
5
10
20
50
100
5
10
20
50
100
_
_
_
_
_
−3
−2
−1
0
0
10
20
30
40
VGS, GATE−SOURCE VOLTAGE (V)
25°C
125°C
− 55°C
25°C
− 55°C
125°C
−1.5
−1
−0.5
0
0
4
8
12
16
−3
−2
−1
0
0
10
20
30
25°C
125°C
− 55°C
25°C
125°C
− 55°C
−1.5
−1
−0.5
0
0
10
20
30
Figure 1. Common Drain−Source
Figure 2. Parameter Interactions
Figure 3. Transfer Characteristics
Figure 4. Transfer Characteristics
Figure 5. Transfer Characteristics
Figure 6. Transfer Characteristics
VGS(OFF), GATE CUTOFF VOLTAGE (V)
VGS, GATE−SOURCE VOLTAGE (V)
VGS, GATE−SOURCE VOLTAGE (V)
VGS, GATE−SOURCE VOLTAGE (V)
VGS(off) = −2.0 V
VGS(off) = −3.0 V
IDSS, gfs @ VDS = 15 V,
VGS = 0 PULSED
rDS @ 1.0 mA, VGS = 0
VGS(off) @ VDS = 15 V,
ID = 1.0 nA
TA = 25°C
TYP VGS(off) = −2.0 V
IDSS
gfs
fDS
VGS(off) = −2.0 V
VGS(off) = −3.0 V
VDS = 15 V
VDS = 15 V
VDS = 15 V
VDS = 15 V
25°C
125°C
− 55°C
25°C
125°C
− 55°C
VGS(off) = −1.1 V
VGS(off) = −1.6 V
25°C
125°C
− 55°C
VGS(off) = −1.6 V
25°C
125°C
− 55°C
VGS(off) = −1.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com