Electronic Components Datasheet Search
  English  ▼

X  

BTD2012FP Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTD2012FP
Description  Low Vcesat NPN Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD2012FP Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTD2012FP Datasheet HTML 1Page - Cystech Electonics Corp. BTD2012FP Datasheet HTML 2Page - Cystech Electonics Corp. BTD2012FP Datasheet HTML 3Page - Cystech Electonics Corp. BTD2012FP Datasheet HTML 4Page - Cystech Electonics Corp. BTD2012FP Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C822FP
Issued Date : 2005.07.29
Revised Date :
Page No. : 2/ 5
BTD2012FP
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
3
Collector Current (Pulse)
ICP
6 (Note 1)
A
Base Current
IB
0.5
A
Power Dissipation @ TA=25℃
PD
2
Power Dissipation @ TC=25℃
PD
25
W
Thermal Resistance, Junction to Ambient
RθJA
62.5
°C/W
Thermal Resistance, Junction to Case
RθJC
5
°C/W
Insulation Withstand Voltage (RMS) from All
Three Leads to External Heatsink
Visol
1000
V
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : 1. Single Pulse , Pw≦380µs,Duty≦2%.
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
80
-
-
V
IC=10µA, IE=0
*BVCEO
60
-
-
V
IC=1mA, IB=0
BVEBO
6
-
-
V
IC=10µA, IC=0
ICBO
-
-
1
µA
VCB=80V, IE=0
IEBO
-
-
1
µA
VEB=4V, IC=0
*VCE(sat) 1
-
150
220
mV
IC=1A, IB=50mA
*VCE(sat) 2
-
250
350
mV
IC=2A, IB=200mA
*VBE(sat)
-
1
1.2
V
IC=2A, IB=100mA
*VBE(on)
-
-
1
V
VCE=2V, IC=500mA
*hFE 1
120
-
560
-
VCE=5V, IC=500mA
*hFE 2
60
-
-
-
VCE=5V, IC=3A
fT
-
100
-
MHz
VCE=5V, IC=500mA,f=5MHz
Cob
-
15
-
pF
VCB=10V, f=1MHz
*Pulse Test : Pulse Width
≤380µs, Duty Cycle≤2%
Classification of hFE 1
Rank
Q
R
S
Range
120~270
180~390
270~560



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com