Electronic Components Datasheet Search
  English  ▼

X  

M65830 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M65830
Description  DIGITAL DELAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65830 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M65830 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65830 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65830 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65830 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65830 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65830 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65830 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65830 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65830 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ELECTRIC
MITSUBISHI
M65830BP/FP
PRELIMINARY
Notice
; This
is not
a final
specification.
DIGITAL DELAY
MITSUBISHI SOUND PROCESSOR ICS
some
parametric
limits
are
subject
to change.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Ratings
Units
Vcc
Icc
Pd
Topr
Tstg
Supply voltage
Circuit current
Power dissipation
Operating temperature
Storage temperature
6.5
100
1
-
20~+75
-
40~+125
V
mA
W
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Conditions
Limits
Min
Max
Typ
Units
Vcc
fck
VIH
VIL
Supply voltage
Clock frequency
High input voltage
Low input voltage
4.5
0.7VDD
0
5
5.5
VDD
0.3VDD
V
MHz
V
V
VDD
Vcc-VDD
Supply voltage
Difference voltage
4.5
5
5.5
V
V
-0.3
0
0.3
—
—
THERMAL DERATING
(MAXIMUM RATING)
1.2
1.0
0.8
0.6
0.4
0.2
0
25
50
75
100
125
150
f sck
Serial clock
—
—
MHz
1
2
3
4.0
AMBIENT TEMPERATURE Ta(°C)
(Ta=25°C,unless otherwise noted)
5
0.8
M65830BP
M65830BFP
°C
°C
BP
BFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com