Electronic Components Datasheet Search
  English  ▼

X  

IRLR014 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # IRLR014
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLR014 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button IRLR014 Datasheet HTML 5Page - Vishay Siliconix IRLR014 Datasheet HTML 6Page - Vishay Siliconix IRLR014 Datasheet HTML 7Page - Vishay Siliconix IRLR014 Datasheet HTML 8Page - Vishay Siliconix IRLR014 Datasheet HTML 9Page - Vishay Siliconix IRLR014 Datasheet HTML 10Page - Vishay Siliconix IRLR014 Datasheet HTML 11Page - Vishay Siliconix IRLR014 Datasheet HTML 12Page - Vishay Siliconix IRLR014 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 16-Dec-2019
2
Document Number: 71197
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VERSION 2: FACILITY CODE = N
Notes
• Dimensioning and tolerance confirm to ASME Y14.5M-1994
• All dimensions are in millimeters. Angles are in degrees
• Heat sink side flash is max. 0.8 mm
• Radius on terminal is optional
E
b3
A
c2
E1
(3°)
(3°)
3x b
2x b2
2x
0.25
C A B
e
e
e
E1/2
DETAIL "B"
L
(L1)
H
C
SEATING
PLANE
C
C
(b)
b1
DETAIL "B"
GAUGE
PLANE
MILLIMETERS
DIM.
MIN.
MAX.
A
2.18
2.39
A1
-
0.13
b
0.65
0.89
b1
0.64
0.79
b2
0.76
1.13
b3
4.95
5.46
c
0.46
0.61
c1
0.41
0.56
c2
0.46
0.60
D
5.97
6.22
D1
5.21
-
E
6.35
6.73
E1
4.32
-
e
2.29 BSC
H
9.94
10.34
L
1.50
1.78
L1
2.74 ref.
L2
0.51 BSC
L3
0.89
1.27
L4
-
1.02
L5
1.14
1.49
L6
0.65
0.85
0°
10°
1
0°
15°
2
25°
35°
MILLIMETERS
DIM.
MIN.
MAX.
ECN: E19-0649-Rev. Q, 16-Dec-2019
DWG: 5347



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com