Electronic Components Datasheet Search
  English  ▼

X  

CD Datasheet(PDF) 2 Page - C&K Components

Part # CD
Description  8mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CD Datasheet(HTML) 2 Page - C&K Components

  CD_V01 Datasheet HTML 1Page - C&K Components CD_V01 Datasheet HTML 2Page - C&K Components CD_V01 Datasheet HTML 3Page - C&K Components CD_V01 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H
H–29
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
SWITCHES WITH STANDARD OPTIONS
8
C
2
1
C
4
F 1
0
1
C
4
8
C
2
.300
(7,62)
.032 TYP.
(0.81)
.100 TYP.
(2,54)
.315
(8,0)
.200
(5,08)
.100
(2,54)
.168
(4,27)
.305
(7,75)
.010 TYP
(0,25)
.125 TYP
(3,18)
.025 TYP
(0,6)
.020 TYP
(0,51)
.315
(8,0)
.025
(0,6)
.100
(2,54)
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CD08RM0CB
860
CD10RM0CB
10
60
CD16RM0CB
16
60
CD Series
8mm DIP Coded Rotary Switches
.200
(5,08)
.100 TYP.
(2,54)
Ø.032
(0,81)
TYP.
.050.
(1,27)
.200
(5,08)
.100
(2,54)
.020 TYP.
(0,51)
.010
(0,25)
.183
(4,64)
TYP.
.025
(0,6)
.025
(0,6)
.132
(3,3)
.025 TYP.
(0,64)
STAND-OFF
.315
(8,00)
.330
(8,36)
.315
(8,0)
.099
(2,52)
1C
4
.200
(5,08)
8
1
1
C
4
8
C
2
3
2
.020 TYP.
(0,51)
.010 THK.
(0,25)
.040 TYP.
(1,02)
.315
(8,00)
.315
(8,00)
.200
(5,08)
.390
(9,90)
.168
(4,27)
.006
(0,15)
.100
(2,54)
8
C
2
1
C
4
.200
(5,08)
.100 TYP.
(2,54)
.080
(2,03)
.050
(1,27)
TYP.
.430
(10,92)
0
9
1
1
C
4
8
C
2
PC Mount
Surface Mount
CD16RM0CB
CD10RM0AB
CD10RM0SB
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CD08RM0AB
860
CD10RM0AB
10
60
CD16RM0AB
16
60
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CD08RM0SB
8
60
CD10RM0SB
10
60
CD16RM0SB
16
60
Right Angle Mount
Note: For tape and reel packaging, add ‘R’ to end of part number.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com