Electronic Components Datasheet Search
  English  ▼

X  

MA862 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA862
Description  Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA862 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA862 Datasheet HTML 1Page - Panasonic Semiconductor MA862 Datasheet HTML 2Page - Panasonic Semiconductor MA862 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Band Switching Diodes
Unit : mm
Internal Connection
Marking Symbol: M1I
MA4X862
Silicon epitaxial planar type
For band switching
I Features
• Two electrically isolated elements incorporated
• Small diode capacitance C
D
• Low forward dynamic resistance r
f
• Optimum for a band switching of a tuner
I Absolute Maximum Ratings T
a = 25°C
1 : Cathode 1
2 : Cathode 2
3 : Anode 2
4 : Anode 1
Mini Type Package (4-pin)
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
35
V
Forward current
Single
IF
100
mA
(DC)
Double
75
mA/Unit
Operating ambient temperature
Topr
−25 to +85
°C
Storage temperature
Tstg
−55 to +100
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 33 V
100
nA
Forward voltage (DC)
VF
IF = 100 mA
1.0
V
Diode capacitance
CD
VR = 6 V, f = 1 MHz
1.2
pF
Forward dynamic resistance
rf1*
1
IF = 2 mA, f = 100 MHz
0.65
Ω
rf2*
2
0.98
Ω
I Electrical Characteristics T
a = 25
°C
Note) 1
.Rated input/output frequency: 100 MHz
 
2
.*1 :rf measuring instrument: Nihon Koshuha Model TDC-121A
 
*2 :rf measuring instrument: YHP 4191A RF IMPEDANCE ANALYZER
4
3
1
2
2.8
+ 0.2
− 0.3
1.5
+ 0.25
− 0.05
0.65
± 0.15
0.65
± 0.15
0.5 R
1
2
4
3
0.4
± 0.2
0.1 to 0.3


Similar Part No. - MA862

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
MA8621 PROLIFIC-MA8621 Datasheet
259Kb / 2P
USB 2.0 High Speed 3-Port Hub with SD Reader Controller
MA8627 PROLIFIC-MA8627 Datasheet
259Kb / 2P
USB 2.0 High Speed 3-Port Hub with SD Reader Controller
More results

Similar Description - MA862

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com