Electronic Components Datasheet Search
  English  ▼

X  

560950 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 560950
Description  Power supply module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

560950 Datasheet(HTML) 1 Page - Festo Corporation.

  560950 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power supply module
VMPAL-SP-0
Part number: 560950
Data sheet
Feature
Value
Width
23.2 mm
Length
107.3 mm
Integrated function
With electrical manifold module
Valve manifold design
Valve sizes can be mixed
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Pilot pressure MPa
0.3 MPa ... 0.8 MPa
Pilot pressure
3 bar ... 8 bar
Corrosion resistance class (CRC)
3 - High corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Ambient temperature
-5 °C ... 50 °C
Product weight
50 g
Pneumatic connection 1
For 20 mm cartridge
Note on materials
RoHS-compliant
Power supply module material
Wrought aluminum alloy
PA-reinforced
8/8/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 560950

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
560951 FESTO-560951 Datasheet
82Kb / 1P
Power supply module
8/8/22
560952 FESTO-560952 Datasheet
82Kb / 1P
Power supply module
8/8/22
560953 FESTO-560953 Datasheet
83Kb / 1P
Power supply module
8/8/22
560954 FESTO-560954 Datasheet
82Kb / 1P
Power supply module
8/8/22
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
More results

Similar Description - 560950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1207-0446-07-P1 ETC2-1207-0446-07-P1 Datasheet
69Kb / 2P
Power Module Controlled Power Supply
logo
M-System Co.,Ltd.
M6PSM MSYSTEM-M6PSM Datasheet
97Kb / 3P
POWER SUPPLY MODULE
logo
Festo Corporation.
576569 FESTO-576569 Datasheet
85Kb / 1P
Power supply module
8/7/22
560951 FESTO-560951 Datasheet
82Kb / 1P
Power supply module
8/8/22
560952 FESTO-560952 Datasheet
82Kb / 1P
Power supply module
8/8/22
560953 FESTO-560953 Datasheet
83Kb / 1P
Power supply module
8/8/22
560954 FESTO-560954 Datasheet
82Kb / 1P
Power supply module
8/8/22
570774 FESTO-570774 Datasheet
77Kb / 1P
Power supply module
8/8/22
573645 FESTO-573645 Datasheet
82Kb / 1P
Power supply module
8/8/22
573646 FESTO-573646 Datasheet
83Kb / 1P
Power supply module
8/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com