Electronic Components Datasheet Search
  English  ▼

X  

MA653 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA653
Description  Silicon planer type (cathode common)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA653 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA653 Datasheet HTML 1Page - Panasonic Semiconductor MA653 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unit
µA
mA
V
ns
˚C/W
˚C/W
Condition
VRRM= 300V, TC= 25˚C
VRRM= 300V, Tj=150˚C
IF= 2.5A, TC= 25˚C
IF=1A, IR=1A
Flat direct current between junction and case
Symbol
IRRM1
IRRM2
VF
trr*
Rth(j-c)
Rth(j-a)
s Electrical Characteristics (Ta= 25˚C)
Note 1. Rated input/output frequency : 10MHz
2. * trr measuring circuit
* Sine half wave : 10ms/cycle
Unit
V
V
A
A
˚C
˚C
Rating
300
300
5
45
– 40 to +150
– 40 to +150
Symbol
VRRM
VRSM
IF(AV)
IFSM*
Tj
Tstg
MA653
Silicon planer type (cathode common)
For switching
s Features
q High reverse voltage VR
q Low forward voltage VF
q Fast reverse recovery time trr
s Absolute Maximum Ratings (Ta= 25˚C)
Unit : mm
s Internal Connection
1 : Anode
2 : Cathode
(common)
3 : Anode
TO-220F(a) (TO-220 Full-Pack Package)
Parameter
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average forward current
Non-repetitive peak forward surge current
Junction temperature
Storage temperature
Fast Recovery Diodes (FRD)
MA111
Parameter
Repetitive peak reverse current
Forward voltage (DC)
Reverse recovery time
Thermal resistance
min
typ
max
100
6
1
100
3
63
50
Ω
50
Ω
5.5
Ω
D.U.T
trr
0.1
× IR
IF
IR
123
10.0
±0.2
5.5
±0.2
0.5
+0.2
-0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
ø3.1
±0.1


Similar Part No. - MA653

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA650 PANASONIC-MA650 Datasheet
28Kb / 2P
Silicon planer type (cathode common)
logo
Taoglas antenna solutio...
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002 Datasheet
5Mb / 19P
Advanced RF Design and Materials
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002 Datasheet
1Mb / 18P
Spartan Antenna 2in1 MA650 with 10M cable lenght
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002_17 Datasheet
1Mb / 18P
Spartan Antenna 2in1 MA650 with 10M cable lenght
MA650.ST.AB.002.DZ TAOGLAS-MA650.ST.AB.002.DZ Datasheet
1Mb / 21P
Advanced RF Design and Materials
More results

Similar Description - MA653

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D649 PANASONIC-MA3D649 Datasheet
45Kb / 2P
Silicon planar type (cathode common)
MA3D650 PANASONIC-MA3D650 Datasheet
45Kb / 2P
Silicon planar type (cathode common)
MA3D652 PANASONIC-MA3D652 Datasheet
45Kb / 2P
Silicon planar type (cathode common)
MA3D653 PANASONIC-MA3D653 Datasheet
43Kb / 2P
Silicon planar type (cathode common)
MA3D654 PANASONIC-MA3D654 Datasheet
45Kb / 2P
Silicon planar type (cathode common)
MA3G655 PANASONIC-MA3G655 Datasheet
44Kb / 2P
Silicon planar type (cathode common)
MA3U649 PANASONIC-MA3U649 Datasheet
43Kb / 2P
Silicon planar type (cathode common)
MA649 PANASONIC-MA649 Datasheet
28Kb / 2P
Silicon planer type (cathode common)
MA650 PANASONIC-MA650 Datasheet
28Kb / 2P
Silicon planer type (cathode common)
MA695 PANASONIC-MA695 Datasheet
26Kb / 2P
Silicon planer type (cathode common)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com