Electronic Components Datasheet Search
  English  ▼

X  

IRFR310 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFR310
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFR310 Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFR310 Datasheet HTML 1Page - Vishay Siliconix IRFR310 Datasheet HTML 2Page - Vishay Siliconix IRFR310 Datasheet HTML 3Page - Vishay Siliconix IRFR310 Datasheet HTML 4Page - Vishay Siliconix IRFR310 Datasheet HTML 5Page - Vishay Siliconix IRFR310 Datasheet HTML 6Page - Vishay Siliconix IRFR310 Datasheet HTML 7Page - Vishay Siliconix IRFR310 Datasheet HTML 8Page - Vishay Siliconix IRFR310 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IRFR310, IRFU310, SiHFR310, SiHFU310
www.vishay.com
Vishay Siliconix
S21-0771-Rev. E, 19-Jul-2021
1
Document Number: 91272
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Dynamic dV/dt rating
• Repetitive avalanche rated
• Surface-mount (IRFR310, SiHFR310)
• Straight lead (IRFU310, SiHFU310)
• Available in tape and reel
• Fast switching
• Fully avalanche rated
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
Third generation power MOSFETs form Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The DPAK is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU, SiHFU series) is for through-hole
mounting applications. Power dissipation levels up to 1.5 W
are possible in typical surface-mount applications.
Note
a. See device orientation
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. VDD = 50 V, starting TJ = 25 °C, L = 52 mH, Rg = 25
Ω, IAS = 1.7 A (see fig. 12)
c. ISD
≤ 1.7 A, dI/dt ≤ 40 A/μs, VDD ≤ VDS, TJ ≤ 150 °C
d. 1.6 mm from case
e. When mounted on 1” square PCB (FR-4 or G-10 material)
PRODUCT SUMMARY
VDS (V)
400
RDS(on) (
Ω)VGS = 10 V
3.6
Qg max. (nC)
12
Qgs (nC)
1.9
Qgd (nC)
6.5
Configuration
Single
N-Channel MOSFET
G
D
S
DPAK
(TO-252)
IPAK
(TO-251)
G
D S
S
D
G
D
Available
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free and halogen-free
SiHFR310-GE3
SiHFR310TRL-GE3
SiHFR310TR-GE3
SiHFU310-GE3
SiHFR310TRR-GE3
IRFR310TRPbF-BE3
IRFR310TRLPbF-BE3
-
Lead (Pb)-free
IRFR310PbF
IRFR310TRLPbF a
IRFR310TRPbF a
IRFU310PbF
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
400
V
Gate-source voltage
VGS
± 20
Continuous drain current
VGS at 10 V
TC = 25 °C
ID
1.7
A
TC = 100 °C
1.1
Pulsed drain current a
IDM
6.0
Linear derating factor
0.20
W/°C
Linear derating factor (PCB mount) e
0.020
Single pulse avalanche energy b
EAS
86
mJ
Repetitive avalanche current a
IAR
1.7
A
Repetitive avalanche energy a
EAR
2.5
mJ
Maximum power dissipation
TC = 25 °C
PD
25
W
Maximum power dissipation (PCB mount) e
TA = 25 °C
2.5
Peak diode recovery dV/dt c
dV/dt
4.0
V/ns
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) d
For 10 s
260


Similar Part No. - IRFR310

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR310 IRF-IRFR310 Datasheet
173Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)
logo
Vishay Siliconix
IRFR310 VISHAY-IRFR310 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR310 KERSEMI-IRFR310 Datasheet
3Mb / 7P
Power MOSFET
IRFR310 KERSEMI-IRFR310 Datasheet
3Mb / 7P
Power MOSFET
logo
Inchange Semiconductor ...
IRFR310 ISC-IRFR310 Datasheet
332Kb / 2P
iscN-Channel MOSFET Transistor
More results

Similar Description - IRFR310

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com