Electronic Components Datasheet Search
  English  ▼

X  

IRFR9014 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRFR9014
Description  Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFR9014 Datasheet(HTML) 2 Page - Vishay Siliconix

  IRFR9014 Datasheet HTML 1Page - Vishay Siliconix IRFR9014 Datasheet HTML 2Page - Vishay Siliconix IRFR9014 Datasheet HTML 3Page - Vishay Siliconix IRFR9014 Datasheet HTML 4Page - Vishay Siliconix IRFR9014 Datasheet HTML 5Page - Vishay Siliconix IRFR9014 Datasheet HTML 6Page - Vishay Siliconix IRFR9014 Datasheet HTML 7Page - Vishay Siliconix IRFR9014 Datasheet HTML 8Page - Vishay Siliconix IRFR9014 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IRFR9014, IRFU9014, SiHFR9014, SiHFU9014
www.vishay.com
Vishay Siliconix
S21-0771-Rev. F, 19-Jul-2021
2
Document Number: 91277
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material)
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. Pulse width
≤ 300 μs; duty cycle ≤ 2 %
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum junction-to-ambient
RthJA
-
-
110
°C/W
Maximum junction-to-ambient
(PCB mount) a
RthJA
--
50
Maximum junction-to-case (drain)
RthJC
--
5.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = - 250 μA
-60
-
-
V
VDS temperature coefficient
ΔVDS/TJ
Reference to 25 °C, ID = -1 mA
-
-0.059
-
V/°C
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = -250 μA
-2.0
-
-4.0
V
Gate-source leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VDS = -60 V, VGS = 0 V
-
-
-100
μA
VDS = -48 V, VGS = 0 V, TJ = 125 °C
-
-
-500
Drain-source on-state resistance
RDS(on)
VGS = -10 V
ID = -3.1 A b
-
-
0.50
Ω
Forward transconductance
gfs
VDS = -25 V, ID = -3.1 A b
1.4
-
-
S
Dynamic
Input capacitance
Ciss
VGS = 0 V,
VDS = -25 V,
f = 1.0 MHz, see fig. 5
-
270
-
pF
Output capacitance
Coss
-
170
-
Reverse transfer capacitance
Crss
-31
-
Total gate charge
Qg
VGS = - 10 V
ID = -6.7 A, VDS = -48 V,
see fig. 6 and 13 b
--
12
nC
Gate-source charge
Qgs
--
3.8
Gate-drain charge
Qgd
--
5.1
Turn-on delay time
td(on)
VDD = -30 V, ID = -6.7 A,
Rg = 24
Ω, RD = 4.0 Ω, see fig. 10 b
-11
-
ns
Rise time
tr
-63
-
Turn-off delay time
td(off)
-9.6
-
Fall time
tf
-31
-
Internal drain inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact c
-4.5
-
nH
Internal source inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
-5.1
A
Pulsed diode forward current a
ISM
--
-20
Body diode voltage
VSD
TJ = 25 °C, IS = -5.1 A, VGS = 0 V b
--
-5.5
V
Body diode reverse recovery time
trr
TJ = 25 °C, IF = -6.7 A, dI/dt = 100 A/μs b
-
80
160
ns
Body diode reverse recovery charge
Qrr
-
0.096
0.19
μC
Forward turn-on time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com