Electronic Components Datasheet Search
  English  ▼

X  

546991 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 546991
Description  Electrical interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

546991 Datasheet(HTML) 1 Page - Festo Corporation.

  546991 Datasheet HTML 1Page - Festo Corporation. 546991 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical interface
VMPA-ASI-EPL-GU-4E4A-Z
Part number: 546991
Data sheet
Feature
Value
Dimensions W x L x H
85 mm x 122.9 mm x 55.1 mm
Fieldbus interface
Socket, M12 (AS-i Out)
Plug, M12 (AS-i In)
Device-specific diagnostics
AS-i voltage
AS-i address
Watchdog/I/O status
Additional supply missing or undervoltage
Max. no. of valve positions
4
Response delay inputs
Typ. 3 ms at 24 V
Number of slaves per device
1
Operating voltage range DC electronics/sensors
US+ / US- : <= AS-Interface bus voltage - 2.5V
AS-Interface DC operating voltage range
26.5 V ... 31.6 V
DC load voltage operating voltage range
21.6 V ... 26.4 V
Information concerning load voltage
Via load voltage connection (24 V DC)
Logic level digital inputs
ON: 11 - 30V
OFF: -30 - 5V
Max. number of inputs
4
AS interface residual ripple
<= 20 mVss
Load voltage residual ripple
4 Vss
Current consumption with load voltage from AS-Interface and load
voltage connection
Max. total current at inputs 350 mA
Max. total current at outputs MPA12: 270 mA
Max. total current at outputs MPA2: 533 mA
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-20 °C ... 40 °C
Degree of protection
IP20
Ambient temperature
-5 °C ... 50 °C
Product weight
360 g
Input characteristics
As per IEC 1131-2, type 02
Input switching logic
PNP (positive switching)
Addressing range
1 ... 31
LED display (bus-specific)
AS-i: AS-Interface mode
Aux/Pwr: AS-Interface power supply
Fault: AS interface fault
LED display (product-specific)
Signal at input/output
Product identification
ID code: ID=Fh, ID1=Fh, ID2=Eh
IO code: 7h
Profile: S-7.F.E
8/9/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 546991

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
546990 FESTO-546990 Datasheet
107Kb / 2P
Electrical interface
8/9/22
546992 FESTO-546992 Datasheet
107Kb / 2P
Electrical interface
8/9/22
546993 FESTO-546993 Datasheet
108Kb / 2P
Electrical interface
8/9/22
546995 FESTO-546995 Datasheet
108Kb / 2P
Electrical interface
8/9/22
More results

Similar Description - 546991

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540893 FESTO-540893 Datasheet
94Kb / 1P
Electrical interface
7/31/22
540896 FESTO-540896 Datasheet
95Kb / 1P
Electrical interface
7/31/22
573446 FESTO-573446 Datasheet
66Kb / 1P
Electrical interface
8/8/22
573447 FESTO-573447 Datasheet
65Kb / 1P
Electrical interface
8/8/22
573448 FESTO-573448 Datasheet
65Kb / 1P
Electrical interface
8/8/22
573450 FESTO-573450 Datasheet
66Kb / 1P
Electrical interface
8/8/22
573939 FESTO-573939 Datasheet
65Kb / 1P
Electrical interface
8/8/22
546993 FESTO-546993 Datasheet
108Kb / 2P
Electrical interface
8/9/22
552559 FESTO-552559 Datasheet
93Kb / 2P
Electrical interface
8/10/22
552562 FESTO-552562 Datasheet
106Kb / 2P
Electrical interface
8/10/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com