Electronic Components Datasheet Search
  English  ▼

X  

UGU6B Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # UGU6B
Description  6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

UGU6B Datasheet(HTML) 1 Page - Mospec Semiconductor

  UGU6B Datasheet HTML 1Page - Mospec Semiconductor UGU6B Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
UGU6A
THRU UGU6K
UBU
Dim
Min
Max
A
21.80
22.30
B
18.30
18.80
C
7.40
7.90
D
3.50
4.10
E
1.52
2.03
G
2.16
2.54
H
4.83
5.33
J
1.65
2.16
K
1.65
2.03
L
0.76
1.02
M
3.30
3.56
N
17.50
18.00
P
0.46
0.56
Unit :mm
MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS
6.0A ULTRA-FASTGLASS PASSIVATED BRIDGE
RECTIFIER
FEATURES
*
Glass Passivated Die Construction
*
Low Forward Voltage Drop
*
High Current Capability
*
High Reliability
*
High Surge Current Capability
*
High-Switching Speed 100 Nanosecond Recovery Time
MECHANICAL DATA
*
Case: Molded Plastic
*
Epoxy: UL94V-O rate flame retardant
*
Terminals:Plated Leads Solderable
Per MIL-STD-202 Method 208
*
Polarity:As Marking on Body
*
Mounting Position: Any
*
Weight: 4.0 gram (approx.)
*
Marking:Type Number
* Rating at 25℃ ambient temperature unless otherwise specified
* Single phase,half wave. 60Hz, resistive or inductive load.
* For capacitive load derate current bh 20 %
Characteristic
Symbol UGU6A
UGU6B
UGU6D
UGU6G
UGU6J
UGU6K
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
V
Average Rectifier Forward Current @ TC=100℃
IO(AV)
6.0
A
Non-Repetitive Peak Surge Current
8.3 ms Single half sine-wave superimposed on
rated load
IFSM
175
A
Forward Voltage (per element) ( IF =2.0 Amp)
VFM
1.0
V
Peak Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 100℃)
IR
5.0
500
uA
I
2 t Rating for Fusing( t<8.35MS)
I
2t
127
A
2s
Typical Thermal Resistance (per leg)(note 1)
Rθ jA
8.6
k/W
Typical Thermal Resistance (per leg)(note 2)
Rθ jc
3.1
k/W
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
100
ns
Operating and Storage Temperature Range
TJ , Tstg
-65 to +150
℃
Note: 1.Thermal resistance junction to ambient, mounted on PCB at 9.5mm lead length with 12 mm
2 copper pads.
2.Thermal resistance junction to case, mounted on 5.0×4.0×0.8 cm thick AL plate.


Similar Part No. - UGU6B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
UGU8A MOSPEC-UGU8A Datasheet
168Kb / 2P
8.0A ULTR-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU8B MOSPEC-UGU8B Datasheet
168Kb / 2P
8.0A ULTR-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU8D MOSPEC-UGU8D Datasheet
168Kb / 2P
8.0A ULTR-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU8G MOSPEC-UGU8G Datasheet
168Kb / 2P
8.0A ULTR-FASTGLASS PASSIVATED BRIDGE RECTIFIER
UGU8J MOSPEC-UGU8J Datasheet
168Kb / 2P
8.0A ULTR-FASTGLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UGU6B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
logo
Mospec Semiconductor
UGU8A MOSPEC-UGU8A Datasheet
168Kb / 2P
8.0A ULTR-FASTGLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
GBJ6005 DIODES-GBJ6005_15 Datasheet
78Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
KBL601G ZSELEC-KBL601G Datasheet
84Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBL6005 ZSELEC-KBL6005 Datasheet
337Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601 ZSELEC-RS601 Datasheet
134Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005 ZSELEC-RS6005 Datasheet
134Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBJ601 YFWDIODE-KBJ601 Datasheet
537Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBU601G YFWDIODE-GBU601G Datasheet
541Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com