Electronic Components Datasheet Search
  English  ▼

X  

URAF0840 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # URAF0840
Description  Switchmode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

URAF0840 Datasheet(HTML) 1 Page - Mospec Semiconductor

  URAF0840 Datasheet HTML 1Page - Mospec Semiconductor URAF0840 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
URAF0830 Thru URAF0860
Switchmode
Full Plastic Ultra-fast Power Rectifiers
…Designed for use in switching power supplies. inverters and as free
wheeling diodes.
These state-of-the-art devices have the following
features:
*High Surge Capacity
*Low Power Loss, High efficiency
*Glass Passivated chip junctions
*150℃ Operating Junction Temperature
*Low Stored Charge Majority Carrier Conduction
*Low Forward Voltage , High Current Capability
*High-Switching Speed 50 & 75 Nanosecond Recovery Time
*Plastic Material used Carries Underwriters Laboratory
MAXIMUM RATINGS
URAF08
Characteristic
Symbol
30
40
50
60
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
210
280
350
420
V
Average Rectifier Forward Current
Per Leg
TC=125℃
IF(AV)
8.0
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz,TC=125℃)
IFM
16
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
100
A
Operating and Storage Junction
Temperature Range
TJ , Tstg
-65 to +150
℃
ELECTRIAL CHARACTERISTICS
URAF08
Characteristic
Symbol
30
40
50
60
Unit
Maximum Instantaneous Forward Voltage
( IF =8 Amp TC = 25℃)
( IF =8 Amp TC = 125℃)
VF
1.30
1.12
1.50
1.34
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
10
500
uA
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
50
ns
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
85
70
PF
ULTRA FAST
RECTIFIERS
8 AMPERES
300-600 VOLTS
ITO-220AC
MILLIMETERS
DIM
MIN
MAX
A
15.05
15.15
B
13.35
13.45
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.00
G
1.15
1.25
H
0.55
0.65
I
4.80
5.20
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
P
2.65
2.75
O
3.35
3.45
Q
3.15
3.25


Similar Part No. - URAF0840

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
URAF0805 MOSPEC-URAF0805 Datasheet
189Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF0810 MOSPEC-URAF0810 Datasheet
189Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF08100 MOSPEC-URAF08100 Datasheet
149Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF0815 MOSPEC-URAF0815 Datasheet
189Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF0820 MOSPEC-URAF0820 Datasheet
189Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
More results

Similar Description - URAF0840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
logo
Unisonic Technologies
MJE13009 UTC-MJE13009 Datasheet
185Kb / 8P
SWITCHMODE SERIES NPN SWITCHMODE SERIES NPN TRANSISTORS
logo
ON Semiconductor
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MBR030 NJSEMI-MBR030 Datasheet
90Kb / 1P
SWITCHMODE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com