Electronic Components Datasheet Search
  English  ▼

X  

AP2006 Datasheet(PDF) 6 Page - Anachip Corp

Part # AP2006
Description  200KHz, PWM Buck DC/DC & Linear Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2006 Datasheet(HTML) 6 Page - Anachip Corp

  AP2006 Datasheet HTML 1Page - Anachip Corp AP2006 Datasheet HTML 2Page - Anachip Corp AP2006 Datasheet HTML 3Page - Anachip Corp AP2006 Datasheet HTML 4Page - Anachip Corp AP2006 Datasheet HTML 5Page - Anachip Corp AP2006 Datasheet HTML 6Page - Anachip Corp AP2006 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP2006
200KHz, PWM Buck DC/DC & Linear Controller
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Nov 17, 2004
6/7
Marking Information
( Top View )
Logo
Part number
ID code: internal
Year: "01" = 2001
"02" = 2002
Xth week: 01~52
1
4
AP2006
YY WW X
5
8
Package Information
(1) SOP-8L
VIEW "A"
L
VIEW "A"
B
e
D
7 (4X)
0.015x45
7 (4X)
y
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.60
1.75
0.055
0.063
0.069
A1
0.10
-
0.25
0.040
-
0.100
A2
1.30
1.45
1.50
0.051
0.057
0.059
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
5.05
5.30
0.189
0.199
0.209
E
3.70
3.90
4.10
0.146
0.154
0.161
e
-
1.27
-
-
0.050
-
H
5.79
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
y
-
-
0.10
-
-
0.004
θ
0
O
-
8
O
0
O
-
8
O



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com