Electronic Components Datasheet Search
  English  ▼

X  

560962 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 560962
Description  Electrical manifold module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

560962 Datasheet(HTML) 1 Page - Festo Corporation.

  560962 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical manifold module
VMPAL-EVAP-10-2
Part number: 560962
Data sheet
Feature
Value
Valve size
10 mm
Max. no. of valve positions
1
Max. no. of solenoid coils
2
Integrated function
Valve function assignment color-coded
Nominal operating voltage DC
24 V
Corrosion resistance class (CRC)
3 - High corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Ambient temperature
-5 °C ... 50 °C
Product weight
9 g
Housing colour
Black
Housing material
PA
Note on materials
RoHS-compliant
8/10/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 560962

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
560961 FESTO-560961 Datasheet
69Kb / 1P
Electrical manifold module
8/10/22
560963 FESTO-560963 Datasheet
90Kb / 1P
Electrical manifold module
8/10/22
560964 FESTO-560964 Datasheet
90Kb / 1P
Electrical manifold module
8/10/22
560965 FESTO-560965 Datasheet
93Kb / 1P
Electrical manifold module
8/10/22
560966 FESTO-560966 Datasheet
93Kb / 1P
Electrical manifold module
8/10/22
More results

Similar Description - 560962

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537989 FESTO-537989 Datasheet
91Kb / 1P
Electrical manifold module
8/9/22
537993 FESTO-537993 Datasheet
92Kb / 1P
Electrical manifold module
8/9/22
537995 FESTO-537995 Datasheet
83Kb / 1P
Electrical manifold module
8/9/22
537996 FESTO-537996 Datasheet
83Kb / 1P
Electrical manifold module
8/9/22
537999 FESTO-537999 Datasheet
100Kb / 1P
Electrical manifold module
8/9/22
560964 FESTO-560964 Datasheet
90Kb / 1P
Electrical manifold module
8/10/22
560967 FESTO-560967 Datasheet
97Kb / 1P
Electrical manifold module
8/10/22
560969 FESTO-560969 Datasheet
96Kb / 1P
Electrical manifold module
8/10/22
571011 FESTO-571011 Datasheet
87Kb / 1P
Electrical manifold module
8/10/22
8066770 FESTO-8066770 Datasheet
75Kb / 1P
Electrical manifold module
8/9/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com