Electronic Components Datasheet Search
  English  ▼

X  

IRFD113 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IRFD113
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFD113 Datasheet(HTML) 6 Page - Vishay Siliconix

  IRFD113 Datasheet HTML 1Page - Vishay Siliconix IRFD113 Datasheet HTML 2Page - Vishay Siliconix IRFD113 Datasheet HTML 3Page - Vishay Siliconix IRFD113 Datasheet HTML 4Page - Vishay Siliconix IRFD113 Datasheet HTML 5Page - Vishay Siliconix IRFD113 Datasheet HTML 6Page - Vishay Siliconix IRFD113 Datasheet HTML 7Page - Vishay Siliconix IRFD113 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFD113
www.vishay.com
Vishay Siliconix
S21-0886-Rev. B, 30-Aug-2021
6
Document Number: 91487
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Power vs. Temperature Derating
Fig. 13 - Clamped Inductive Test Circuit
Fig. 14 - Clamped Inductive Waveforms
Fig. 15 - Switching Time Test Circuit
Fig. 16 - Gate Charge Test Circuit
Fig. 17 - Typical Time to Accumulated 1 % Gate Failure
Fig. 18 - Typical High Temperature Reverse Bias (HTRB) Failure
Rate
I
P
E
C
V
DS
V
DD
I
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com