Electronic Components Datasheet Search
  English  ▼

X  

36712092 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 36712092
Description  WE-SHC Two-piece Seamless
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

36712092 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  36712092 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 36712092 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 36712092 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 36712092 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions: [mm]
20,9 ±0,2
inner
0,2
Dimple
21,3 ±0,2
outer
Assembly with Frame:
Cover(36712092)
Frame(36702092)
Material:
Core Material
Steel
Plating
Tin
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
Halogen Free
Conform [JEDEC JS709B]
Halogen Free
Conform [IEC 61249-2-21]
General Information:
Operating Temperature
-40 up to +125 °C
Storage Conditions (in original
packaging)
< 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL)
1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
AAM
001.000
2020-09-29
DIN ISO 2768-1m
DESCRIPTION
WE-SHC Two-piece Seamless
Shielding Cabinet
ORDER CODE
36712092
BUSINESS UNIT
STATUS
PAGE
eiSos
Valid
1/4
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 36712092

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
3671209 WURTH-3671209 Datasheet
237Kb / 4P
WE-SHC Two-piece Seamless Shielding Cabinet
001.000
More results

Similar Description - 36712092

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
36703453 WURTH-36703453 Datasheet
287Kb / 5P
WE-SHC Two-piece Seamless
001.000
36703536 WURTH-36703536 Datasheet
288Kb / 5P
WE-SHC Two-piece Seamless
001.000
36704159 WURTH-36704159 Datasheet
289Kb / 5P
WE-SHC Two-piece Seamless
001.000
367054413 WURTH-367054413 Datasheet
288Kb / 5P
WE-SHC Two-piece Seamless
001.000
36711106 WURTH-36711106 Datasheet
237Kb / 4P
WE-SHC Two-piece Seamless
001.000
36712202 WURTH-36712202 Datasheet
238Kb / 4P
WE-SHC Two-piece Seamless
001.000
36712638 WURTH-36712638 Datasheet
237Kb / 4P
WE-SHC Two-piece Seamless
001.000
36712939 WURTH-36712939 Datasheet
237Kb / 4P
WE-SHC Two-piece Seamless
001.000
36714159 WURTH-36714159 Datasheet
238Kb / 4P
WE-SHC Two-piece Seamless
001.000
36715935 WURTH-36715935 Datasheet
237Kb / 4P
WE-SHC Two-piece Seamless
001.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com