Electronic Components Datasheet Search
  English  ▼

X  

1019540 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1019540
Description  Distribution block - PTVFIX 18X2,5-NS35A GN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1019540 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1019540 Datasheet HTML 1Page - PHOENIX CONTACT 1019540 Datasheet HTML 2Page - PHOENIX CONTACT 1019540 Datasheet HTML 3Page - PHOENIX CONTACT 1019540 Datasheet HTML 4Page - PHOENIX CONTACT 1019540 Datasheet HTML 5Page - PHOENIX CONTACT 1019540 Datasheet HTML 6Page - PHOENIX CONTACT 1019540 Datasheet HTML 7Page - PHOENIX CONTACT 1019540 Datasheet HTML 8Page - PHOENIX CONTACT 1019540 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Distribution block, nom. voltage: 690 V, nominal current: 24 A, connection method: Push-in
connection, Rated cross section: 2.5 mm2, cross section: 0.14 mm2 - 4 mm2, mounting type: NS
35/7,5, NS 35/15, color: green
Your advantages
Space savings of up to 50% on the DIN rail, thanks to transverse mounting
•
Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
•
Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
•
Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
•
Clear wiring, thanks to eleven different color variants
•
Commercial Data
Item number
1019540
Packing unit
1 pc
Minimum order quantity
10 pc
Sales Key
B02
Product Key
BEA215
GTIN
4055626506272
Weight per Piece (including packing)
33.8 g
Weight per Piece (excluding packing)
27.763 g
Customs tariff number
85369010
Country of origin
PL
Distribution block - PTVFIX 18X2,5-NS35A GN
1019540
https://www.phoenixcontact.com/us/products/1019540
Jul 29, 2022, 5:52 AM
Page 1 (24)


Similar Part No. - 1019540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019541 PHOENIX-1019541 Datasheet
673Kb / 24P
Distribution block - PTVFIX 18X2,5-NS35A BK
Jul 29, 2022
1019542 PHOENIX-1019542 Datasheet
702Kb / 27P
Distribution block - PTVFIX 6/6X2,5-NS35A GY
Jul 29, 2022
1019543 PHOENIX-1019543 Datasheet
704Kb / 27P
Distribution block - PTVFIX 6/6X2,5-NS35A BU
Jul 29, 2022
1019544 PHOENIX-1019544 Datasheet
704Kb / 27P
Distribution block - PTVFIX 6/6X2,5-NS35A RD
Jul 29, 2022
1019545 PHOENIX-1019545 Datasheet
703Kb / 27P
Distribution block - PTVFIX 6/6X2,5-NS35A GN
Jul 29, 2022
More results

Similar Description - 1019540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019580 PHOENIX-1019580 Datasheet
472Kb / 18P
Distribution block - PTVFIX 18X2,5 GN
Jul 29, 2022
1019529 PHOENIX-1019529 Datasheet
388Kb / 15P
Distribution block - PTVFIX 6X2,5-NS35A GN
Jul 29, 2022
1019535 PHOENIX-1019535 Datasheet
543Kb / 18P
Distribution block - PTVFIX 12X2,5-NS35A GN
Jul 29, 2022
1019537 PHOENIX-1019537 Datasheet
671Kb / 24P
Distribution block - PTVFIX 18X2,5-NS35A GY
Jul 29, 2022
1019538 PHOENIX-1019538 Datasheet
674Kb / 24P
Distribution block - PTVFIX 18X2,5-NS35A BU
Jul 29, 2022
1019539 PHOENIX-1019539 Datasheet
674Kb / 24P
Distribution block - PTVFIX 18X2,5-NS35A RD
Jul 29, 2022
1019541 PHOENIX-1019541 Datasheet
673Kb / 24P
Distribution block - PTVFIX 18X2,5-NS35A BK
Jul 29, 2022
1019556 PHOENIX-1019556 Datasheet
682Kb / 27P
Distribution block - PTVFIX 6/18X2,5-NS35A GY
Jul 29, 2022
1019561 PHOENIX-1019561 Datasheet
683Kb / 27P
Distribution block - PTVFIX 6/18X2,5-NS35A GN
Jul 29, 2022
1019616 PHOENIX-1019616 Datasheet
474Kb / 19P
Distribution block - PTVFIX 6/18X2,5 GN
Jul 29, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com