Electronic Components Datasheet Search
  English  ▼

X  

BCC084L Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC084L
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC084L Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC084L Datasheet HTML 1Page - Balluff Korea Ltd. BCC084L Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC VA04-0000-10-053-VX8350-010
Order Code: BCC084L
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 241514
ETIM 6.0: EC001855
BCC084L_0.79_2022-07-13
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Display/Operation
Function indicator
LED yellow
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PVC gray, 1 m
Cable diameter D
5.00 mm ±0.20 mm
Conductor cross-section
0.50 mm²
Connection
A, DIN-0°/180°-Valve connector,
angled, 4-pin
Connector configuration
right-angle
Number of conductors
3
Number of pins
4
System
Molded
Electrical data
Operating voltage Ub
24 VDC / 24 VAC
Rated current (40 °C)
6.0 A
Suppressor
Suppressor diode
Environmental conditions
Cable temperature, fixed routing
-40...105 °C
Cable temperature, flexible routing
-5...105 °C
IP rating
IP67
Material
Cable jacket, material
PVC
Material contact carrier
PA 6.6
Material contacts
Brass
Material grip
PUR
Material locking screw
Steel
Mechanical data
Cable jacket, color
gray
Cable length L
1.00 m
Tightening torque pigtail
0.5 Nm


Similar Part No. - BCC084L

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC084K BALLUFF-BCC084K Datasheet
98Kb / 2P
Single-Ended Cordsets
0.69_2022-04-14
BCC084M BALLUFF-BCC084M Datasheet
97Kb / 2P
Double-Ended Cordsets
2023-06-14
BCC084N BALLUFF-BCC084N Datasheet
98Kb / 2P
Single-Ended Cordsets
0.62_2022-04-13
BCC084R BALLUFF-BCC084R Datasheet
107Kb / 2P
Single-Ended Cordsets
0.7_2022-07-16
BCC084T BALLUFF-BCC084T Datasheet
107Kb / 2P
Single-Ended Cordsets
0.75_2022-07-16
More results

Similar Description - BCC084L

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com