Electronic Components Datasheet Search
  English  ▼

X  

BCC0F2U Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0F2U
Description  Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0F2U Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0F2U Datasheet HTML 1Page - Balluff Korea Ltd. BCC0F2U Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adapters
BCC M415-M314-3F-RA102-000
Order Code: BCC0F2U
Internet
www.balluff.com
eCl@ss 9.1: 27-44-01-02
Subject to change without notice: 233355
ETIM 6.0: EC002062
BCC0F2U_0.58_2022-07-11
1 / 2
Basic features
Approval/Conformity
EAC
WEEE
Electrical connection
Connection 1
M12x1-Female, Straight, 4-pin, A-
coded
Connection 2
M8x1-Male, Straight, 4-pin, A-
coded
Connector 01, version
straight
Connector 02, version
straight
Number of pins
4/4
Electrical data
Operating voltage Ub
30 VDC / 30 VAC
Rated current (40 °C)
3.0 A
Environmental conditions
Ambient temperature
-25...85 °C
IP rating
IP67
Material
Material cover nut
Die-cast zinc/Brass
Material grip
TPU
Mechanical data
Tightening torque pigtail
0.6 Nm/0.4 Nm
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Connector Drawings
II
I


Similar Part No. - BCC0F2U

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0F27 BALLUFF-BCC0F27 Datasheet
131Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0F2E BALLUFF-BCC0F2E Datasheet
105Kb / 2P
Bulk Cables
0.48_2022-07-11
BCC0F2L BALLUFF-BCC0F2L Datasheet
98Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0F2N BALLUFF-BCC0F2N Datasheet
98Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0F2P BALLUFF-BCC0F2P Datasheet
98Kb / 2P
Double-Ended Cordsets
2023-12-20
More results

Similar Description - BCC0F2U

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
SPU45E TRUMPOWER-SPU45E Datasheet
58Kb / 1P
Desktop Adapters
logo
Glenair, Inc.
M24758-22C16 GLENAIR-M24758-22C16 Datasheet
50Kb / 2P
Adapters
M28840-23JW GLENAIR-M28840-23JW Datasheet
72Kb / 1P
EMI Adapters
M83538-9S-09 GLENAIR-M83538-9S-09 Datasheet
71Kb / 1P
Adapters/Extenders
M85049-34-8W GLENAIR-M85049-34-8W Datasheet
72Kb / 1P
Adapters/Extenders
logo
Molex Electronics Ltd.
106004 MOLEX10-106004 Datasheet
175Kb / 1P
Bezel Adapters
logo
Balluff Korea Ltd.
BCC0F2T BALLUFF-BCC0F2T Datasheet
102Kb / 2P
Adapters
0.54_2022-07-16
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
Adapters
0.61_2022-07-11
BCC0F47 BALLUFF-BCC0F47 Datasheet
100Kb / 2P
Adapters
0.54_2022-07-11
BCC0HKZ BALLUFF-BCC0HKZ Datasheet
153Kb / 2P
Adapters
0.62_2022-07-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com