Electronic Components Datasheet Search
  English  ▼

X  

BCC0FYY Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0FYY
Description  Bulkhead Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0FYY Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0FYY Datasheet HTML 1Page - Balluff Korea Ltd. BCC0FYY Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulkhead Connectors
BCC M415-E834-AG-RP001-020
Order Code: BCC0FYY
Internet
www.balluff.com
eCl@ss 9.1: 27-44-03-12
Subject to change without notice: 240178
ETIM 6.0: EC002641
BCC0FYY_0.9_2022-07-13
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
cULus
Display/Operation
Power indicator
no/no
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
15 x D
Cable
PUR Shielded Green, 2 m
Cable diameter D
6.70 mm ±0.20 mm
Cable, bending cycles min.
2 mil.
Conductor cross-section
0.34 mm²
Connection 1
M12x1-Female, Straight, 4-pin, D-
coded
Connection 2
RJ45-Male, Straight, 4-pin
Connector 01, version
straight
Connector 02, version
straight
Number of conductors
4
Number of pins
4/4
System
Molded/Molded
Electrical data
Operating voltage Ub
60 VDC / 60 VAC
Environmental conditions
Cable temperature, drag chain
-20...60 °C
Cable temperature, flexible routing
-20...60 °C
IP rating
IP67/IP20
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Material contact carrier
PUR/PUR
Material contacts
Brass/Brass
Material grip
PUR/PUR
Mechanical data
Acceleration max., drag chain
2 m/s²
Cable jacket, color
Green
Cable length L
2.00 m
Horizontal travel permitted, drag
chain
5 m at 5 m/s²
Mounting part
PG9
Traverse speed max., drag chain
200 m/min
Vertical travel permitted, drag chain
5 m at 5 m/s²
Remarks
Halogen-free


Similar Part No. - BCC0FYY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FY4 BALLUFF-BCC0FY4 Datasheet
108Kb / 2P
Single-Ended Cordsets
0.82_2022-07-04
BCC0FY5 BALLUFF-BCC0FY5 Datasheet
108Kb / 2P
Single-Ended Cordsets
0.8_2022-07-13
BCC0FY6 BALLUFF-BCC0FY6 Datasheet
108Kb / 2P
Single-Ended Cordsets
0.8_2022-07-14
BCC0FY7 BALLUFF-BCC0FY7 Datasheet
108Kb / 2P
Single-Ended Cordsets
0.78_2022-07-04
BCC0FYA BALLUFF-BCC0FYA Datasheet
96Kb / 2P
Double-Ended Cordsets
2022-10-11
More results

Similar Description - BCC0FYY

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0A7M BALLUFF-BCC0A7M Datasheet
124Kb / 2P
Bulkhead Connectors
0.57_2022-07-16
BCC0A7N BALLUFF-BCC0A7N Datasheet
125Kb / 2P
Bulkhead Connectors
0.63_2022-07-15
BCC0HH5 BALLUFF-BCC0HH5 Datasheet
114Kb / 2P
Bulkhead Connectors
0.97_2022-07-15
BCC0K3P BALLUFF-BCC0K3P Datasheet
110Kb / 2P
Bulkhead Connectors
0.46_2022-07-04
BCC0LJE BALLUFF-BCC0LJE Datasheet
115Kb / 2P
Bulkhead Connectors
0.34_2022-07-04
BCC0LJM BALLUFF-BCC0LJM Datasheet
115Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0LJN BALLUFF-BCC0LJN Datasheet
114Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0LJR BALLUFF-BCC0LJR Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-04
BCC0MA1 BALLUFF-BCC0MA1 Datasheet
136Kb / 2P
Bulkhead Connectors
2022-07-04
BCC06YP BALLUFF-BCC06YP Datasheet
108Kb / 2P
Bulkhead Connectors
2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com