Electronic Components Datasheet Search
  English  ▼

X  

HSU200 Datasheet(PDF) 1 Page - Total Power International

Part # HSU200
Description  AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HSU200 Datasheet(HTML) 1 Page - Total Power International

  HSU200 Datasheet HTML 1Page - Total Power International HSU200 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT
200 WATTS 19" COMPATIBLE DOUBLE EUROCARD
SWITCHING POWER SUPPLIES HSU200 SERIES
FEATURES:
AUTO-RANGING AC INPUT
19" COMPATIBLE EUROCARD FORMAT
MEET THE SAFETY STANDARDS
EMI MEET CISPR PUB.22 & FCC CLASS A
CE MARKING COMPLIANCE
12HP X 6U X160MM DOUBLE EUROCARD
VMEbus STANDARD
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Auto-ranging 115Vac(90-132Vac) and
230Vac(180-264Vac).
Transient threshold typ. 150Vac.
Input Connector: DIN 41612 at rear.
Input Frequency: 47-63Hz
Inrush Current: Typ. 65.0A @ 230Vac.
Input Current: Typ. 3.3A/115Vac & 1.6A/230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet CISPR PUB.22 or FCC Class A.
Hold-up Time: Typ. 26mS.
Power OK: Installed
Remote Inhibit: Installed.
Over Temp. Protection (OTP): Installed (Thermostate).
Power-On LED: Installed.
Earth leakage: Typ. 0.3 mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 200 Watts.
Output Connector: DIN 41612 at rear.
Line Regulation: Typ. 0.2%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±1-2.0%(MA).
Aux. VO3 typ. ±2-3.0%(PR).
Aux. VO4 typ. ±2-3.0%(PR).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Available at main VO1 & Aux.VO2.(latch).
Adjustability: Available at VO1 & VO2.
Remote Sense: Installed at main VO1.
Overload Protection (OLP): Fully protected against
output overload and short circuit. Typ. 130% full load.
Consult the factory for OLP setting.
Output LED Indicators: Installed for all outputs.
GENERAL SPECIFICATION
Efficiency: Typ. 76-77.0%.
Switching Frequency: Typ. 100K Hz.
Circuit Topology: Forward circuit.
Transient Response: Output voltage returns in less than
1.5mS following a 25% load change.
Safety Standard: IEC950/UL1950 Class I.
Power Density: 1.30 Watt / Cubic Inch.
Operating Temperature: 0 to +50°C at full load.
Derate linearly to +70°C at half load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: Free air convection.
Construction format: 12HPx6U compatible double
Eurocard VMEbus standard.
Note: All measurements are at nominal input, full load, and +25°C unless otherwise specified.
TOTAL POWER INT'L
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Similar Part No. - HSU200

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HSU200 HITRON-HSU200 Datasheet
273Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
HSU200-32 HITRON-HSU200-32 Datasheet
273Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
HSU200-33 HITRON-HSU200-33 Datasheet
273Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
HSU200-40 HITRON-HSU200-40 Datasheet
273Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
HSU200-42 HITRON-HSU200-42 Datasheet
273Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
More results

Similar Description - HSU200

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HPU100-S033250 TOTAL-POWER-HPU100-S033250 Datasheet
324Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 100 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU100 SERIES
HSU160 TOTAL-POWER-HSU160 Datasheet
135Kb / 2P
AUTO-RANGING AC INPUT AC-DC SINGLE OUTPUT 160 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU160 SERIES
HSU393 TOTAL-POWER-HSU393 Datasheet
483Kb / 2P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HSU393 SERIES
logo
HITRON ELECTRONICS CORP...
HIU45 HITRON-HIU45 Datasheet
283Kb / 2P
UNIVERSAL AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45 WATTS SWITCHING MODE POWER SUPPLIES
HSU160 HITRON-HSU160 Datasheet
232Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD SINGLE OUTPUT 160 WATTS SWITCHING MODE POWER SUPPLIES
HSU200 HITRON-HSU200 Datasheet
273Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
HSU300 HITRON-HSU300 Datasheet
230Kb / 2P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
HSU360 HITRON-HSU360 Datasheet
318Kb / 2P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 360 WATTS SWITCHING MODE POWER SUPPLIES
HSU393 HITRON-HSU393 Datasheet
584Kb / 2P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
TPSU-160 TOTAL-POWER-TPSU-160 Datasheet
287Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com