Electronic Components Datasheet Search
  English  ▼

X  

1019549 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 1019549
Description  Distribution block - PTVFIX 6/12X2,5-NS35A RD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1019549 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 1019549 Datasheet HTML 16Page - PHOENIX CONTACT 1019549 Datasheet HTML 17Page - PHOENIX CONTACT 1019549 Datasheet HTML 18Page - PHOENIX CONTACT 1019549 Datasheet HTML 19Page - PHOENIX CONTACT 1019549 Datasheet HTML 20Page - PHOENIX CONTACT 1019549 Datasheet HTML 21Page - PHOENIX CONTACT 1019549 Datasheet HTML 22Page - PHOENIX CONTACT 1019549 Datasheet HTML 23Page - PHOENIX CONTACT 1019549 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
DIN rail perforated
DIN rail perforated - NS 35/15 ZN PERF 2000MM - 1206599
https://www.phoenixcontact.com/us/products/1206599
DIN rail perforated, similar to EN 60715, material: Steel, galvanized, Standard
profile, color: silver, Pack of 25 (50 m)
DIN rail, unperforated
DIN rail, unperforated - NS 35/15 ZN UNPERF 2000MM - 1206586
https://www.phoenixcontact.com/us/products/1206586
DIN rail, unperforated, similar to EN 60715, material: Steel, galvanized, Standard
profile, color: silver, Pack of 25 (50 m)
Distribution block - PTVFIX 6/12X2,5-NS35A RD
1019549
https://www.phoenixcontact.com/us/products/1019549
Jul 29, 2022, 5:50 AM
Page 20 (27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com