| Electronic Components Datasheet Search |
|
IRFP048 Datasheet(PDF) 9 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
IRFP048 Datasheet(HTML) 9 Page - Vishay Siliconix |
|
9 / 11 page ![]() Package Information www.vishay.com Vishay Siliconix Revision: 19-Oct-2020 2 Document Number: 91360 For technical questions, contact: hvm@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 VERSION 2: FACILITY CODE = Y Notes (1) Dimensioning and tolerancing per ASME Y14.5M-1994 (2) Contour of slot optional (3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the outermost extremes of the plastic body (4) Thermal pad contour optional with dimensions D1 and E1 (5) Lead finish uncontrolled in L1 (6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154") (7) Outline conforms to JEDEC outline TO-247 with exception of dimension c MILLIMETERS MILLIMETERS DIM. MIN. MAX. NOTES DIM. MIN. MAX. NOTES A 4.58 5.31 D2 0.51 1.30 A1 2.21 2.59 E 15.29 15.87 A2 1.17 2.49 E1 13.72 - b 0.99 1.40 e 5.46 BSC b1 0.99 1.35 Ø k 0.254 b2 1.53 2.39 L 14.20 16.25 b3 1.65 2.37 L1 3.71 4.29 b4 2.42 3.43 Ø P 3.51 3.66 b5 2.59 3.38 Ø P1 - 7.39 c 0.38 0.86 Q 5.31 5.69 c1 0.38 0.76 R 4.52 5.49 D 19.71 20.82 S 5.51 BSC D1 13.08 - 0.10 A C M M E E/2 (2) (4) R/2 B 2 x R S D See view B 2 x e b4 3 x b 2 x b2 L C L1 1 2 3 Q D A A2 A A A1 C Ø k B D M M A ØP (Datum B) ØP1 D1 4 E1 0.01 B D M M View A - A Thermal pad D2 DD E E C C View B (b1, b3, b5) Base metal c1 (b, b2, b4) Section C - C, D - D, E - E (c) Planting 4 3 5 7 4 4 4 Lead Assignments 1. Gate 2. Drain 3. Source 4. Drain |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |