Electronic Components Datasheet Search
  English  ▼

X  

SI7328DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7328DN
Description  N-Channel 30-V (D-S) MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7328DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7328DN Datasheet HTML 1Page - Vishay Siliconix SI7328DN Datasheet HTML 2Page - Vishay Siliconix SI7328DN Datasheet HTML 3Page - Vishay Siliconix SI7328DN Datasheet HTML 4Page - Vishay Siliconix SI7328DN Datasheet HTML 5Page - Vishay Siliconix SI7328DN Datasheet HTML 6Page - Vishay Siliconix SI7328DN Datasheet HTML 7Page - Vishay Siliconix SI7328DN Datasheet HTML 8Page - Vishay Siliconix SI7328DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 73960
S-81005-Rev. B, 05-May-08
Vishay Siliconix
Si7328DN
New Product
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Maximum under Steady State conditions is 81 °C/W.
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
≤ 10 s
RthJA
24
33
°C/W
Steady State
65
81
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.9
2.4
MOSFET SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.6
1.5
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
5
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 18.9 A
0.0055
0.0066
Ω
VGS = 4.5 V, ID = 17.65 A
0.0063
0.0076
Forward Transconductancea
gfs
VDS = 15 V, ID = 18.9 A
97
S
Diode Forward Voltage
VSD
IS = 3.2 A, VGS = 0 V
0.7
1.2
V
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
2610
pF
Output Capacitance
Coss
300
Reverse Transfer Capacitance
Crss
140
Total Gate Charge
Qg
VDS = 15 V, VGS = 4.5 V, ID = 18.9 A
21
31.5
nC
Gate-Source Charge
Qgs
7.5
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
f = 1 MHz
0.5
1.2
1.8
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 0.86 Ω
ID ≅ 17.3 A, VGEN = 10 V, Rg = 1 Ω
10
15
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
35
52.5
Fall Time
tf
812
Body Diode Reverse Recovery Time
trr
IF = 3.2 A, dI/dt = 100 A/µs
30
60
Body Diode Reverse Recovery Charge
Qrr
18
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com