Electronic Components Datasheet Search
  English  ▼

X  

SI7102DN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI7102DN
Description  N-Channel 12-V (D-S) MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7102DN Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7102DN Datasheet HTML 1Page - Vishay Siliconix SI7102DN Datasheet HTML 2Page - Vishay Siliconix SI7102DN Datasheet HTML 3Page - Vishay Siliconix SI7102DN Datasheet HTML 4Page - Vishay Siliconix SI7102DN Datasheet HTML 5Page - Vishay Siliconix SI7102DN Datasheet HTML 6Page - Vishay Siliconix SI7102DN Datasheet HTML 7Page - Vishay Siliconix SI7102DN Datasheet HTML 8Page - Vishay Siliconix SI7102DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 74250
S-83044-Rev. B, 22-Dec-08
www.vishay.com
3
Vishay Siliconix
Si7102DN
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
35
A
Pulse Diode Forward Currenta
ISM
60
Body Diode Voltage
VSD
IS = 3.2 A
0.61
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 2 A, dI/dt = 100 A/µs, TJ = 25 °C
46
70
ns
Body Diode Reverse Recovery Charge
Qrr
30
50
nC
Reverse Recovery Fall Time
ta
20
ns
Reverse Recovery Rise Time
tb
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com