Electronic Components Datasheet Search
  English  ▼

X  

PL317F3 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # PL317F3
Description  Three Terminal Adjustable Output Positive Voltage Regulators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL317F3 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  PL317F3 Datasheet HTML 1Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 2Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 3Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 4Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 5Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 6Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 7Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 8Page - Cystech Electonics Corp. PL317F3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C513F3
Issued Date : 2003.05.24
Revised Date :
. .
Page No. : 7/9
PL317F3
CYStek Product Specification
Application Circuits
+
+
-10V
-10V
Q2
2N5640
1N4001
D4
D3
Q1
2N3822
D2
D1
1N4001
1N4001
1N4001
1.0k
5.0k
RSC
D6*
1N4002
240
D5
10μF
1.0μF
Vout
Vout 2
Vin 2
Vout
1N4001
Tantalum
Vin 1
Vin
32V to 40 V
0.1μF
Adjust 1
Current Limit Adjust
PL317
PL317
(1)
(2)
Adjust 2
Iout
Voltage Adjust
Diodes D1 and D2 and transistor Q2 are added to
* D6 protects both LM317's during an input short circuit.
allow adjustment of output voltage to 0V.
Output Range:0≦Vo≦25V
0≦Io≦1.5A
Vss*
2N5640
D2
D1
1N4001
1N4001
100
R1
Vout
Vin
+25V
Adjust
PL317
Iout
1.25
R2
*To provide current limiting of Io to the system
groung, the source of the FET must be tied to a
negative voltage below -1.25V.
Fig 7. “Laboratory” Power Supply with Adjustable Current Limit and Output Voltage
R1=Vref/(Iomax+IDSS) R2≤Vref/IDSS
Vo<BVDSS+1.25V+Vss
ILmin-IDSS<Io<1.5A
As shown 0<Io<1.0A
Fig 8. Adjustable Current Limiter
+
PL317
Adjust
720
MPS2222
1.0k
TTL
Control
1.0μF
120
Vout
D1*
1N4002
Vin
*D1 protects the device during an input short circuit.
Fig 9. 5.0V Electronic Shutdown Regulator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com